M2TS-62-R2/CE
AI

The **M2TS-62-R2/CE** is a high-precision, industrial-grade **Magnetostrictive Linear Position Sensor** typically manufactured by companies like Santest or similar high-end industrial automation brands. It is designed for non-contact, high-accuracy measurement of linear displacement.
---
### 1. Core Operating Principle
The sensor operates on the **Magnetostrictive principle**. A torsional strain pulse is generated within a waveguide when a magnetic field from a moving magnet interacts with an internal current pulse. The time-of-flight of this pulse is measured to determine the exact position of the magnet.
### 2. Technical Specifications
Below are the primary electronic and mechanical characteristics:
| Feature | Specification |
| :--- | :--- |
| **Sensor Type** | Magnetostrictive Linear Displacement |
| **Stroke Length** | 620 mm (indicated by the "62" in the model code) |
| **Output Type** | Analog / Digital (R2 typically denotes specific analog or RS422 protocol) |
| **Input Voltage** | +24V DC (Standard Industrial) |
| **Protection Class** | IP67 (Dust tight and water immersion resistant) |
| **Linearity** | < ±0.05% FS |
| **Certification** | CE Marked (Compliance with EU safety/EMC standards) |
---
### 3. Key Electronic Components
The internal electronics of the M2TS series consist of three main functional blocks:
* **The Waveguide:** A specialized ferromagnetic wire that carries the ultrasonic strain wave.
* **The Pickup Coil (Transducer):** Located at the head of the sensor, it converts the mechanical strain wave back into an electrical signal using the Villari effect.
* **Signal Processing Circuitry:**
* **Pulse Generator:** Sends high-speed current pulses down the waveguide.
* **Timer/Counter:** A high-frequency clock that measures the nanosecond interval between the start pulse and the return pulse.
* **D/A Converter:** Converts the digital timing data into a standard industrial signal (like 4-20mA or 0-10V) if configured for analog output.
---
### 4. Wiring and Interface
The "R2" designation often refers to the electrical interface configuration.
* **Connector Type:** Usually an M12 or M16 industrial circular connector.
* **Shielding:** The sensor utilizes a ruggedized metal housing that acts as a Faraday cage to protect sensitive timing electronics from EMI (Electromagnetic Interference) common in factory environments.
---
### 5. Common Applications
* **Hydraulic Cylinders:** Measuring the stroke position of the piston.
* **Injection Molding:** Monitoring the clamp or injection unit position.
* **Woodworking/Metalworking:** Precision positioning of saw blades or press brakes.
- ⤷
What is the specific output signal (e.g.
- ⤷ 4-20mA or 0-10V) for the R2 variant?
- ⤷ How does the non-contact design of this sensor improve its lifespan compared to potentiometers?
- ⤷ What is the maximum operating temperature range for the M2TS-62-R2/CE?