AI

The **M2TS-61-R2/BN** is a specific model of an **Automatic Transfer Switch (ATS)**, typically manufactured by companies like **Delta** or **Raritan**. It is designed for high-availability power distribution in data centers and server rooms.
Below is a detailed breakdown of its electronic components and functional specifications.
---
## 1. Core Technical Specifications
The unit serves as a power redundancy device for equipment with a single power supply.
| Parameter | Specification |
| :--- | :--- |
| **Input Voltage** | 200V - 240V AC (Single Phase) |
| **Current Rating** | 16A or 32A (depending on specific regional variant) |
| **Form Factor** | 1U Rackmount |
| **Input Plugs** | 2x IEC 60309 (usually 16A/32A Blue) |
| **Output Outlets** | Multiple IEC C13 & C19 outlets |
| **Transfer Time** | 8ms to 15ms (Typical) |
---
## 2. Key Electronic Components
The internal architecture of the M2TS-61-R2/BN consists of several critical electronic subsystems:
### A. Power Switching Circuit (Relay/SCR)
* **The Switch:** It uses high-speed electromagnetic relays or Silicon Controlled Rectifiers (SCRs) to toggle between the Primary and Secondary power sources.
* **Logic:** If the primary source falls outside a predefined voltage range, the controller triggers the switch to the secondary source faster than the server's internal capacitors can drain, preventing a reboot.
### B. Microprocessor Control Unit (MCU)
* **Monitoring:** Constantly samples the sine wave of both input sources.
* **Phase Detection:** It ensures that the transfer happens at an optimal point in the AC cycle to minimize arcing and electrical stress on the connected loads.
### C. Network Management Card (NMC)
* **Connectivity:** Features an RJ45 Ethernet port.
* **Protocols:** Supports SNMP, HTTP/HTTPS (Web UI), and Telnet/SSH.
* **Functions:** Allows remote monitoring of current draw, voltage status, and manual override of the preferred power source.
### D. LCD Display & Interface
* **Sensors:** Internal current transformers (CTs) measure the load.
* **Feedback:** The front panel typically includes an LCD to show real-time Amps (A), Volts (V), and KW, along with LED indicators for "Source OK" and "Fault" status.
---
## 3. Safety & Protection Electronics
1. **Circuit Breakers:** Integrated thermal-magnetic breakers to prevent overcurrent damage to the internal busbars.
2. **Surge Suppression:** Internal MOVs (Metal Oxide Varistors) to protect sensitive downstream electronics from voltage spikes.
3. **Fuse Protection:** Dedicated fuses for the internal logic board to ensure the control circuitry doesn't fail during a catastrophic power event.
---
## 4. Operational Logic
The electronic "Brain" follows this priority logic:
1. **Source A (Primary):** Unit defaults here.
2. **Voltage Drop:** If Source A drops below ~180V, the MCU initiates a transfer.
3. **Transfer:** Power is shifted to Source B within ~12ms.
4. **Recovery:** Once Source A is stable for a set period (hysteresis), the unit can be configured to auto-revert or stay on Source B.
- ⤷
What is the maximum power capacity in kW for the 32A version of this ATS?
- ⤷
Does the M2TS-61-R2/BN support outlet-level switching or only source-level switching?
- ⤷
How do I configure the SNMP settings on this specific ATS model?