M2TS-51-R2/
AI

The **M2TS-51-R2** is a specialized electronic component, typically identified as a **high-precision, ultra-stable Quartz Crystal Oscillator** (often an Oven Controlled Crystal Oscillator or OCXO) or a high-performance **Timing Module**. These components are critical for telecommunications and synchronization systems.
---
### 1. Component Specifications
The "M2TS" series generally refers to timing solutions designed for stability under varying environmental conditions. Below are the typical electronic characteristics for this part class:
| Feature | Specification (Typical) |
| :--- | :--- |
| **Component Type** | OCXO (Oven Controlled Crystal Oscillator) |
| **Output Frequency** | Usually 10MHz or 20MHz (Standard for timing) |
| **Frequency Stability** | ±0.1 ppb to ±5 ppb |
| **Supply Voltage** | 3.3V or 5.0V DC |
| **Operating Temp** | -40°C to +85°C |
| **Interface** | LVCMOS / Sine Wave |
---
### 2. Core Electronic Sub-systems
The internal architecture of the M2TS-51-R2 consists of several key electronic sections:
1. **The Quartz Resonator:** The heart of the unit, cut at a specific angle (usually SC-cut) to minimize frequency drift.
2. **Oven Control Circuit:** A heating element and a thermistor-based feedback loop that keeps the crystal at a precise "turnover temperature" (usually around 75°C-85°C).
3. **Buffer Amplifier:** Protects the internal oscillator from load changes and ensures a clean signal output.
4. **Voltage Regulator:** Internal LDO (Low Dropout Regulator) to ensure electrical noise on the power line does not jitter the frequency.
---
### 3. Application Areas
Because of the **R2** revision (which usually signifies enhanced reliability or RoHS compliance), this part is found in:
* **5G Base Stations:** Maintaining precise time-slots for data transmission.
* **GPS/GNSS Disciplined Clocks:** Providing a stable holdover clock when satellite signals are lost.
* **Test & Measurement Equipment:** Acting as a reference frequency for spectrum analyzers.
---
### 4. Comparison: OCXO vs. Standard TCXO
| Feature | Standard TCXO | M2TS-51-R2 (OCXO class) |
| :--- | :--- | :--- |
| **Power Consumption** | Low (~20-50mW) | Higher (~1W to 3W during warmup) |
| **Warm-up Time** | Instant | 3 to 5 minutes |
| **Precision** | Medium | Ultra-High |
---
- ⤷What is the specific output frequency of the M2TS-51-R2 model?
- ⤷ How does the power consumption change during the 'warm-up' phase?
- ⤷ What are the pinout configurations for this specific module?