M2TS-4D-R/BL
AI

The **M2TS-4D-R/BL** is a specialized industrial control component, typically identified as a **Pushbutton Switch** or an **Indicator unit** within various automation series (such as those by Idec, Omron, or similar industrial manufacturers).
Below is a breakdown of its electronic and mechanical parts based on the standard nomenclature for this model type.
---
### 1. Component Specifications
The model name generally breaks down into its functional characteristics:
| Part Code | Feature | Description |
| :--- | :--- | :--- |
| **M2** | Series Type | Often refers to a specific mounting size (e.g., 22mm or 30mm hole). |
| **TS** | Operator Style | Identifies it as a **Toggle Switch** or a specific type of **Selector**. |
| **4D** | Contact Arrangement | Indicates the internal circuitry (e.g., DPDT - Double Pole Double Throw). |
| **R** | Color (Red) | The physical color of the actuator or the illumination lens. |
| **BL** | Illumination Type | Typically signifies a **Blue** LED or a specific **Backlit** configuration. |
---
### 2. Internal Electronic Parts
The unit consists of three primary layers that work together to control electrical circuits:
#### A. The Actuator (Head)
* **Bezel:** The outer ring that secures the part to the control panel.
* **Operating Unit:** The mechanical lever or button that the user interacts with.
* **Sealing Gasket:** An internal rubberized seal providing IP-rating protection (usually IP65) against dust and water.
#### B. The Contact Block (Switching Mechanism)
* **Contacts:** Silver or gold-plated conductive plates that open or close the circuit.
* **Terminals:** Screw-type or solder-type connection points where external wiring is attached.
* **Snap-action Spring:** A mechanical spring that ensures a crisp "click" and prevents electrical arcing by moving the contacts quickly.
#### C. The Illumination Unit (LED/Lamp)
* **LED Module:** A solid-state light source integrated into the center.
* **Current-Limiting Resistor:** An internal electronic component that protects the LED from over-voltage.
* **Diffuser:** A plastic lens that spreads the light evenly across the face of the button.
---
### 3. Electrical Ratings (Typical)
While exact ratings depend on the specific manufacturer (e.g., Idec vs. others), these parts generally fall within these parameters:
```yaml
Voltage_Rating:
- AC: 125V / 250V
- DC: 24V / 110V
Current_Rating: 3A to 10A (Depending on Load)
Insulation_Resistance: > 100MΩ
Contact_Resistance: < 50mΩ
```
---
### 4. Application Use-Case
* **Control Panels:** Used as a status indicator or "Stop/Start" selector.
* **Safety Interlocks:** The "4D" configuration allows for redundant circuit switching (controlling two separate lines simultaneously).
* **Feedback Loops:** The "BL" (Blue) illumination is often used to signify "Ready" or "Process Active" states in industrial logic.
- ⤷What are the specific mounting hole dimensions for the M2TS series?
- ⤷ How do I wire a 4D contact block for a redundant safety circuit?
- ⤷ Can the LED module in this unit be replaced if it burns out?