M2TS-31-R/K
AI

The **M2TS-31-R/K** is a specific model of a **Miniature Toggle Switch**, typically manufactured by companies like NKK Switches. These components are designed for panel mounting and are used to control the flow of electricity within a circuit through a physical lever action.
---
### Technical Specifications
Below are the primary electronic and physical characteristics of this part:
| Feature | Specification |
| :--- | :--- |
| **Switch Type** | Toggle Switch |
| **Circuit Configuration** | SPDT (Single Pole Double Throw) |
| **Switch Function** | ON-ON (Two stable positions) |
| **Current Rating** | 6A @ 125V AC / 3A @ 250V AC |
| **Terminal Type** | PC (Printed Circuit) Pins / Solder Lug |
| **Actuator Style** | Standard Lever |
| **Mounting Type** | Panel Mount (Threaded Bushing) |
---
### Key Electronic Components & Features
#### 1. SPDT Configuration
As a **Single Pole Double Throw** switch, it has one input (Common) and two possible outputs.
* In position A, terminal 1 is connected to terminal 2.
* In position B, terminal 2 is connected to terminal 3.
* This makes it ideal for switching between two different functions or power paths.
#### 2. Contact Mechanism
The internal contacts are usually made of **silver alloy** or **gold plating**.
* **Silver:** High conductivity, best for power applications.
* **Gold:** Prevents oxidation, best for low-level logic signals (dry circuits).
#### 3. Insulation & Dielectric Strength
The body is constructed from high-insulation materials (like Diallyl Phthalate resin) to ensure that electricity does not arc between the terminals or leak to the metal frame. It typically features a dielectric strength of **1,000V AC minimum** between contacts.
#### 4. The "R/K" Designation
In the NKK part numbering system:
* **R:** Often refers to the specific rating or a RoHS compliance indicator.
* **K:** Usually denotes the type of actuator or the finish of the toggle lever (e.g., a matte or chrome finish).
---
### Common Applications
* **Industrial Control Panels:** For manual overrides or mode selection.
* **Audio Equipment:** To toggle between input sources or bypass effects.
* **Medical Devices:** Used in power-on/off sequences due to high reliability.
* **Test & Measurement:** For switching ranges or signal paths in lab gear.
- ⤷What is the difference between SPDT and DPDT in toggle switches?
- ⤷ How does the contact plating affect the lifespan of the M2TS-31?
- ⤷ What are the specific panel cutout dimensions for this switch?