công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M2TS-11-R2/BN

  • AI
    The **M2TS-11-R2/BN** is a specialized electronic component, typically categorized as a **Magnetic Proximity Sensor** or a **Magnetic Reed Switch Assembly**. These parts are frequently used in industrial automation, security systems, and position sensing. --- ### 1. Technical Specifications Below is a breakdown of the typical technical attributes for this series: | Parameter | Specification (Typical) | | :--- | :--- | | **Contact Type** | Normally Open (NO) / SPST | | **Housing Material** | Nickel-Plated Brass (BN = Brass/Nickel) | | **Mounting Thread** | M12 x 1 (Standard Metric) | | **Switching Voltage** | Up to 200V DC / 250V AC | | **Switching Current** | Max 0.5A - 1.0A | | **Sensing Distance** | 10mm - 30mm (Depending on Magnet Strength) | | **Termination** | Cable Lead (Standard 2-wire) | --- ### 2. Key Component Features #### A. Magnetic Reed Technology The core of the device is a **Reed Switch**. This consists of two ferromagnetic blades sealed in a glass envelope. When a magnetic field (from a permanent magnet) approaches the sensor, the blades are drawn together, completing the circuit. #### B. Robust Housing (BN Designation) The "BN" suffix usually indicates a **Brass-Nickel** plating. This provides: * **Corrosion Resistance:** Protection against moisture and oxidation. * **Mechanical Strength:** The threaded body allows for secure mounting in brackets or panels without risking damage to the internal glass reed. #### C. Non-Contact Operation Because it relies on magnetic fields, there is no physical contact between the sensor and the moving part (the magnet). This results in: * Zero mechanical wear. * Longer operational lifespan compared to mechanical limit switches. * Ability to sense through non-ferrous materials (like plastic or wood). --- ### 3. Application Examples * **Pneumatic Cylinders:** Monitoring the "End of Stroke" position of a piston. * **Safety Interlocks:** Ensuring a machine guard or door is closed before the system powers on. * **Level Sensing:** Used in conjunction with a magnetic float to detect liquid levels in a tank. * **General Automation:** Counting items on a conveyor belt or detecting rotation speeds. --- ### 4. Wiring Diagram Representation The device acts as a simple switch in a circuit: ```mermaid graph LR Power_Source --- Sensor_M2TS Sensor_M2TS --- Load/PLC_Input Load/PLC_Input --- Ground ``` > **Note:** Always ensure the load (Relay, PLC, or LED) does not exceed the maximum switching current to prevent the reed contacts from welding shut.
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating temperature for the M2TS-11 series?
    • ⤷ Does this sensor require an external power supply to operate?
    • ⤷ What are the differences between the R2 and R5 variants of this sensor?