M2TS-11-R2/BL
AI

The **M2TS-11-R2/BL** is a specific electronic component, typically categorized as a **Miniature Toggle Switch**. These components are widely used in industrial control panels, consumer electronics, and DIY projects for circuit switching.
Below is a detailed breakdown of its specifications and electronic characteristics.
---
### 1. General Specifications
The "M2TS" series generally refers to sub-miniature or miniature toggle switches designed for PCB mounting or panel mounting.
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Switch Type** | Toggle Switch |
| **Circuit Configuration** | SPDT (Single Pole Double Throw) |
| **Switch Function** | ON-ON (2 Positions) |
| **Mounting Type** | Through-hole (PCB) or Panel Mount |
| **Actuator Color** | Blue (Indicated by "/BL") |
| **Contact Rating** | 2A @ 250VAC / 5A @ 125VAC |
---
### 2. Key Electronic Parts & Materials
The reliability of this switch is defined by its internal construction:
* **Contacts:** Usually silver-plated or gold-plated brass. Silver is used for standard power applications, while gold is preferred for "dry circuits" (low voltage/low current) to prevent oxidation.
* **Housing/Body:** Made of high-temperature diallyl phthalate (DAP) or similar thermosetting plastics to withstand soldering heat.
* **Actuator (Lever):** The "BL" suffix typically indicates a **Blue** handle, often made of nylon or chrome-plated brass with a colored plastic sleeve.
* **Terminals:** Epoxy-sealed at the base to prevent flux or contaminants from entering the switch mechanism during soldering.
---
### 3. Circuit Logic (SPDT)
The **11** in the part number often denotes the SPDT configuration. The switching logic works as follows:
```text
Position 1: Pin 2 (Common) connected to Pin 1
Position 2: Pin 2 (Common) connected to Pin 3
```
---
### 4. Technical Drawing & Dimensions
While exact dimensions vary by manufacturer (such as Salecom or Shin Chin), standard M2 miniature switches follow these metrics:
| Feature | Dimension |
| :--- | :--- |
| **Terminal Pitch** | 4.70mm (0.185") |
| **Bushing Diameter** | M6 x 0.75 or 1/4-40 UNS |
| **Total Height** | ~25mm - 30mm |
- ⤷
What is the maximum current rating for the M2TS-11-R2/BL at 12VDC?
- ⤷ Does the '/BL' suffix affect the electrical performance or just the aesthetics?
- ⤷ What is the difference between an ON-ON and an ON-OFF-ON configuration for this switch?