M2TS-11-R/
AI

The **M2TS-11-R** is a specific electronic component, typically categorized as a **Surface Mount (SMD) Toggle Switch**. These components are widely used in telecommunications, instrumentation, and medical equipment where space is at a premium and automated assembly is required.
---
### 1. General Specifications
The "M2TS" series generally follows industry standards for sub-miniature toggle switches. Below are the typical technical parameters:
| Parameter | Specification |
| :--- | :--- |
| **Contact Configuration** | SPDT (Single Pole Double Throw) |
| **Switch Function** | ON - ON (2-position) |
| **Mounting Type** | Surface Mount (SMD/SMT) |
| **Terminal Type** | Right Angle (or Gull-wing depending on sub-suffix) |
| **Contact Rating** | 0.4 VA max @ 20V AC/DC (Logic Level) |
| **Electrical Life** | ~50,000 cycles |
| **Operating Force** | 100 ~ 500 gf |
---
### 2. Key Electronic Features
#### A. Logic Level Contacts
Unlike power switches, the "R" in the suffix often denotes **Gold over Nickel** plating. This is critical for "logic level" applications where the voltage and current are so low that they cannot break through the oxide layer found on silver contacts.
#### B. Environmental Sealing
Most M2TS switches feature an internal O-ring or epoxy seal at the base. This provides:
* **Process Compatibility:** Can withstand infrared (IR) reflow soldering.
* **Washability:** Protection against cleaning solvents after the soldering process.
#### C. Mechanical Actuation
* **Toggle Lever:** Usually made of chrome-plated brass or high-temp thermoplastic.
* **Housing:** Built from high-temperature UL94V-0 rated plastic to survive the heat of SMD ovens.
---
### 3. Pinout and Circuitry
The M2TS-11-R is a **Single Pole Double Throw (SPDT)** device. It has three primary terminals:
1. **Terminal 1:** Fixed Contact A.
2. **Terminal 2:** Common (Center).
3. **Terminal 3:** Fixed Contact B.
When the toggle is in Position 1, Terminal 2 is connected to Terminal 1. When flipped to Position 2, Terminal 2 connects to Terminal 3.
---
### 4. Typical Applications
* **Handheld Devices:** Due to the small SMD footprint.
* **Reset/Mode Selection:** Used as a physical configuration switch on PCBs.
* **Medical Instrumentation:** High-reliability switching for diagnostic tools.
- ⤷
What is the maximum reflow soldering temperature for the M2TS-11-R?
- ⤷ Can this switch be used for high-voltage AC power applications?
- ⤷ How does the 'R' suffix specifically affect the terminal layout?