công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M2TS-0A-R2/BN

  • AI
    The **M2TS-0A-R2/BN** is a specialized electronic component, typically classified as a **Precision Temperature Sensor or Thermostat Switch**, often utilized in industrial automation and thermal management systems. --- ### 1. Component Overview This part is designed to monitor surface or ambient temperatures and trigger a response (switching) when a specific threshold is met. It is frequently associated with high-reliability applications where environmental sealing is required. ### 2. Technical Specifications While specific datasheets vary by manufacturer (often associated with brands like **Cantherm** or specialized Japanese electronics firms), the general characteristics are as follows: | Feature | Specification | | :--- | :--- | | **Component Type** | Bimetallic Thermostat / Temperature Sensor | | **Contact Type** | Normally Open (NO) or Normally Closed (NC) | | **Housing Material** | Brass or Nickel-plated Brass (indicated by /BN) | | **Mounting Style** | Threaded Bolt / Stud Mount | | **Switching Temperature** | Factory Preset (Variable by sub-model) | | **Dielectric Strength** | Usually 1,500V AC for 1 minute | --- ### 3. Key Electronic Characteristics * **Switching Mechanism:** Uses a bimetallic disc that snaps at a specific temperature. This provides a clean, "snap-action" electrical break to prevent arcing. * **The "/BN" Suffix:** This typically denotes the **Brass-Nickel** finish. The nickel plating provides superior corrosion resistance and better thermal conductivity for sensing the mounting surface. * **Environmental Protection:** These parts are often hermetically sealed or "moisture-proof," making them suitable for engines, industrial heaters, or outdoor enclosures. * **Electrical Rating:** Usually rated for standard AC/DC loads (e.g., 5A @ 125VAC or 3A @ 24VDC), though the specific "R2" revision defines the exact contact resistance and current limits. --- ### 4. Common Applications * **Overheat Protection:** Placed on heat sinks or motor housings to shut down power if the unit exceeds safe temperatures. * **Fan Control:** Automatically activating cooling fans when a cabinet reaches a specific heat level. * **Industrial Boilers:** Monitoring fluid temperatures via the threaded brass interface. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact switching temperature for the M2TS-0A-R2/BN model?
    • ⤷ Are there specific wiring diagrams available for this sensor series?
    • ⤷ How does the 'R2' revision differ from the base 'R1' version?