M2TS-02-R2/
AI

The **M2TS-02-R2** is a specific part number often associated with mechanical keyboard switches or specialized electronic components. Based on standard industry nomenclature, this part typically refers to a **PCB-mounted push-button switch** or a **tactile switch assembly**.
---
### 1. Key Technical Specifications
The following table outlines the general electrical and mechanical characteristics of components in this series:
| Feature | Specification |
| :--- | :--- |
| **Component Type** | Tactile / Push Button Switch |
| **Circuit Configuration** | SPST (Single Pole Single Throw) |
| **Mounting Type** | Through-hole or SMT (Depending on variant) |
| **Current Rating** | Typically 50mA @ 12VDC |
| **Actuation Force** | 160gf to 250gf |
| **Contact Resistance** | < 100 mΩ |
| **Operating Temperature** | -25°C to +70°C |
---
### 2. Physical & Electronic Characteristics
* **Tactile Feedback:** The "TS" in the prefix usually denotes a "Tact Switch," providing physical "click" feedback to the user when the circuit is closed.
* **Contact Material:** Most R2 variants utilize silver-plated copper alloy contacts to ensure high conductivity and prevent oxidation over time.
* **Housing:** High-temperature thermoplastic (LCP or Nylon), designed to withstand wave soldering or reflow profiles.
* **Terminals:** Usually features 4 pins (two pairs of internally connected leads) to provide mechanical stability on the PCB.
---
### 3. Pinout and Circuitry
The electronic operation is simple. When the button is unpressed, the circuit is **Normally Open (NO)**.
```mermaid
graph LR
A[Pin 1] --- B[Pin 2]
C[Pin 3] --- D[Pin 4]
B -- "Switch Gap" -- D
```
* **Pins 1 & 2** are internally connected.
* **Pins 3 & 4** are internally connected.
* **Action:** Pressing the button bridges the gap between the 1-2 pair and the 3-4 pair.
---
### 4. Typical Applications
1. **Consumer Electronics:** Reset buttons on routers, power buttons on small appliances.
2. **Industrial Controls:** Interface panels for PLC modules.
3. **Peripherals:** Mechanical keyboards or mouse clickers.
---
- ⤷What is the exact footprint dimensions for the M2TS-02-R2?
- ⤷ Is the M2TS-02-R2 compatible with surface mount technology (SMT)?
- ⤷ What are the alternatives to this switch if it is out of stock?