M2TG-53-R
AI

## Technical Overview of M2TG-53-R
The **M2TG-53-R** is a high-performance, double-pole double-throw (DPDT) electromechanical relay module designed for high-frequency (RF) switching applications. It is commonly utilized in automated test equipment (ATE) and telecommunications systems.
---
### Core Specifications
Below are the primary electronic characteristics and ratings for the M2TG-53-R:
| Feature | Specification |
| :--- | :--- |
| **Contact Form** | DPDT (2 Form C) |
| **Frequency Range** | DC to 3 GHz |
| **Coil Voltage** | 5 VDC (Standard) |
| **Switching Power** | Up to 10W (RF), 30W (DC) |
| **Impedance** | 50 Ohms |
| **Life Expectancy** | ~5 x 10⁶ cycles (Mechanical) |
---
### Key Electronic Components and Design
The "Electronic Parts" of this device can be broken down into three functional sections:
#### 1. The Actuator (Coil System)
* **Electromagnet:** The heart of the relay, consisting of a copper wire coil wrapped around a soft iron core. When 5V is applied, it creates a magnetic field.
* **Power Efficiency:** These relays are often designed with low power consumption coils to minimize heat dissipation on densely packed PCBs.
#### 2. The Contact System
* **Material:** Typically utilizes gold-plated contacts. Gold is used for its excellent conductivity and resistance to oxidation, which is critical for maintaining signal integrity at low signal levels.
* **Wiping Action:** The internal mechanism is designed for a "wiping" action to clear any microscopic debris or film during every switch cycle.
#### 3. RF Shielding and Housing
* **Metal Casing:** The "R" suffix often denotes a specific packaging style or RoHS compliance. The metal housing acts as a Faraday cage to minimize electromagnetic interference (EMI) and crosstalk between channels.
* **Signal Path Isolation:** The internal geometry is precision-engineered to maintain a constant 50-ohm impedance, minimizing insertion loss and return loss at high frequencies.
---
### Application Usage
The M2TG-53-R is primarily integrated into:
1. **RF Matrix Switches:** Used to route signals between multiple inputs and outputs.
2. **Signal Conditioning:** Switching between different filters or amplifiers in a signal chain.
3. **Oscilloscopes/Analyzers:** Front-end input switching for laboratory-grade measurement tools.
- ⤷
What are the specific insertion loss values at 3 GHz for this model?
- ⤷ Can this relay be driven directly by a microcontroller GPIO pin?
- ⤷ What is the typical switching speed/bounce time for the M2TG series?