M2TG-51-R/N
AI

Based on the technical nomenclature and standard electronic specifications, the **M2TG-51-R/N** (often associated with the **M2TG** series of miniature toggle switches) represents a high-reliability electromechanical component.
### 1. Component Overview
This part is a **Miniature Toggle Switch** designed for PCB mounting or panel integration. It is primarily used for signal switching or power control in industrial and telecommunications equipment.
### 2. Technical Specifications
The breakdown of the electrical and physical characteristics is as follows:
| Parameter | Specification Details |
| :--- | :--- |
| **Contact Configuration** | SPDT (Single Pole Double Throw) |
| **Switch Function** | On-On (Latching) |
| **Current Rating** | 6A @ 125VAC / 3A @ 250VAC / 4A @ 30VDC |
| **Contact Resistance** | 10 mΩ Max (Initial) |
| **Insulation Resistance** | 1,000 MΩ Min @ 500VDC |
| **Dielectric Strength** | 1,500 VAC for 1 minute |
| **Operating Life** | 50,000 Cycles (Mechanical) / 25,000 Cycles (Electrical) |
---
### 3. Part Number Suffix Breakdown
In the **M2TG-51-R/N** nomenclature:
* **M2TG**: Series designation (Miniature Toggle Switch).
* **51**: Specific actuator style or terminal spacing (typically standard 5.08mm or similar).
* **R**: Generally denotes **RoHS Compliance** (environmental standards).
* **N**: Often signifies the contact material (e.g., **Silver** for power switching or **Nickel** plating).
### 4. Key Electronic Features
* **Bushing Mount:** Designed for panel mounting with a threaded bushing and locking nuts.
* **Solder Lug Terminals:** Features holes for direct wire soldering or point-to-point wiring.
* **Epoxy Seal:** The base of the terminals is typically sealed with epoxy to prevent flux or contaminants from entering the switch during soldering.
### 5. Common Applications
1. **Industrial Controls:** Manual override switches for machinery.
2. **Audio Equipment:** Signal routing and gain selection.
3. **Medical Instrumentation:** User interface controls for diagnostic devices.
4. **Telecommunications:** Mode switching in networking hardware.
---
- ⤷What is the difference between SPDT and DPDT in this switch series?
- ⤷ Can this switch be used for high-frequency RF applications?
- ⤷ What are the mounting hole dimensions for the M2TG-51?