M2TG-1A-R/N
AI

The **M2TG-1A-R/N** is a specific model of an **industrial electromagnetic buzzer** (typically manufactured by companies like Menics or similar industrial signaling brands). It is designed to provide audible feedback in automation panels, machinery, and control circuits.
---
### Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Type** | Magnetic / Electromagnetic Buzzer |
| **Input Voltage** | Typically 110V - 220V AC (depending on the specific N/R variant) |
| **Sound Level** | ~80dB at 1 meter |
| **Mounting Diameter** | Ø22mm or Ø30mm (Standard industrial hole) |
| **Terminal Type** | Screw Terminals |
| **IP Rating** | IP65 (Dust-tight and protected against water jets) |
---
### Electronic Components & Internal Workings
The M2TG series functions through **Electromagnetic Induction**. Here is a breakdown of its internal parts:
#### 1. The Solenoid (Coil)
The core of the device is a copper wire coil. When alternating current (AC) flows through this coil, it generates a fluctuating magnetic field.
#### 2. The Metal Diaphragm (Oscillator)
A thin, ferrous metal plate is positioned above the solenoid. The magnetic field attracts and releases the diaphragm at the frequency of the input voltage (e.g., 50Hz or 60Hz), causing it to vibrate rapidly.
#### 3. Resonance Chamber
The plastic housing acts as an acoustic cavity. The shape of the "M2TG" series body is designed to amplify the vibrations of the diaphragm to reach the desired 80-decibel output.
#### 4. Integrated Circuit (IC) / Rectifier
In models designed for specific tones or broad voltage ranges, a small PCB inside may contain:
* **Diodes:** To rectify AC to DC if internal electronic oscillation is required.
* **Resistors:** To drop the voltage to safe levels for the coil.
---
### Part Number Suffix Breakdown
The "R/N" suffix usually indicates specific design variations:
* **R (Red):** Often refers to the color of the indicator light if the buzzer is a "combination" type (Buzzer + LED).
* **N (Natural/Standard):** Refers to the standard sound output (Continuous tone) as opposed to a pulse/intermittent tone.
---
### Installation Diagram Concept
```mermaid
graph LR
A[L1 - Phase] --> B[Terminal 1]
C[N - Neutral] --> D[Terminal 2]
subgraph M2TG-1A
B --> E[Internal Coil]
D --> E
E --> F((Vibrating Diaphragm))
end
```
- ⤷
What is the exact operating voltage for the '1A' variant of this buzzer?
- ⤷ Can this buzzer be used in outdoor environments without extra protection?
- ⤷ Does this model support both continuous and intermittent sound modes?