M2TG-11-R2
AI

The **M2TG-11-R2** is a specific model within the **M2 series of toggle switches** manufactured by **NKK Switches**. This component is designed for logic-level applications and is known for its compact, subminiature size.
---
### 1. Technical Specifications
The part number can be broken down into specific technical characteristics:
| Feature | Specification |
| :--- | :--- |
| **Circuit Configuration** | SPDT (Single Pole Double Throw) |
| **Switch Function** | ON - NONE - ON |
| **Actuator Type** | Standard Lever (Toggle) |
| **Terminal Type** | Right Angle PC Mount (0.100" pitch) |
| **Contact Rating** | 0.4VA Max @ 28V AC/DC Max |
| **Contact Material** | Gold plated (ideal for logic level) |
| **Mounting Type** | Through-hole, Right Angle |
---
### 2. Key Electronic Components & Materials
The internal and external construction of the M2TG-11-R2 is engineered for durability and electrical integrity:
* **Contacts & Terminals:** The contacts are typically made of phosphor bronze or copper alloy with **gold plating over nickel**. Gold is used because it prevents oxidation, ensuring a reliable connection for low-energy (logic level) circuits.
* **Insulation:** The base and housing are made of **Glass Fiber Reinforced Polyamide** or Diallyl Phthalate (DAP) resin. These materials provide high dielectric strength and heat resistance during soldering.
* **Actuator (Toggle):** Usually chrome-plated brass or molded plastic, designed for a tactile "snap-action" feel.
* **Sealing:** The "M2" series often features an anti-jamming design and an internal O-ring to protect contacts from environmental contaminants.
---
### 3. Applications
Due to its 0.4VA power rating, this switch is not intended for power mains. Instead, it is used in:
1. **Handheld Devices:** Small form factor for portable electronics.
2. **Medical Equipment:** Reliable signal switching for diagnostic tools.
3. **Telecommunications:** Routing data signals on PCBs.
4. **Test & Measurement:** Input selection for oscilloscopes or multimeters.
---
### 4. Dimensional Drawing (Typical)
```text
[Toggle]
| |
_____|__|_____
| |
| [Switch Body]| ---- [Terminals 1, 2, 3]
|______________| (Right Angle Bend)
```
- ⤷
What is the difference between gold and silver contacts in toggle switches?
- ⤷ Can the M2TG-11-R2 be used to switch 120V AC power?
- ⤷ What are the soldering temperature recommendations for this switch?