AI

The **M2SP-1A-R/N** is a specific model of an **Industrial Magnetic Proximity Sensor**, typically used for position sensing, speed detection, or limit switching in automated machinery.
Below is a breakdown of its electronic characteristics and technical specifications.
---
### 1. General Specifications
The M2SP series is designed for non-contact detection of a magnetic target (usually a permanent magnet).
| Feature | Specification |
| :--- | :--- |
| **Type** | Magnetic Proximity Sensor |
| **Output Type** | NPN (Normally Open) |
| **Operating Voltage** | 5V - 24V DC |
| **Switching Frequency** | High speed (typically up to 10kHz) |
| **Detection Range** | Dependent on magnetic strength (usually 10mm - 30mm) |
| **Connection Type** | Lead wire (typically 2-meter cable) |
---
### 2. Internal Electronic Structure
The device functions based on the **Hall Effect** or a **Magnetoresistive** element. Unlike mechanical reed switches, these are solid-state components.
* **Sensing Element:** A semiconductor that changes its electrical properties in the presence of a magnetic field.
* **Amplifier Circuit:** Boosts the weak signal from the sensing element to a usable level.
* **Schmitt Trigger:** Ensures a "clean" ON/OFF signal by preventing oscillation or flickering when the magnet is at the edge of the sensing range.
* **NPN Output (The "/N" Suffix):** This signifies that the sensor acts as a **Sinking** output. When triggered, it connects the load to the negative (0V) rail.
---
### 3. Wiring Diagram
The sensor typically follows a standard 3-wire DC color code:
| Wire Color | Function | Description |
| :--- | :--- | :--- |
| **Brown** | VCC (+) | Connect to positive power supply (12V/24V) |
| **Blue** | GND (-) | Connect to 0V / Common |
| **Black** | Out | Signal output (Load connects between Brown and Black) |
---
### 4. Key Advantages
1. **Non-Contact:** No physical wear and tear, leading to a significantly longer lifespan than mechanical switches.
2. **High Protection Rating:** Usually rated **IP67**, making it resistant to dust, oil, and water.
3. **High Speed:** Because it is electronic rather than mechanical, it can handle very fast switching cycles (revolutions per minute).
4. **Small Form Factor:** The "M2" designation often refers to a compact, threaded cylindrical or rectangular housing.
---
- ⤷
What is the difference between an NPN and PNP output for this sensor?
- ⤷ What type of permanent magnet is recommended for the best sensing distance?
- ⤷ Can this sensor be used for RPM counting in high-speed motors?