công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M2SP-1A-R/

  • AI
    ### Overview: M2SP-1A-R Electronic Component The **M2SP-1A-R** is a specific type of **Solid State Relay (SSR)** or a specialized **Power Relay**, typically manufactured by companies like **Magnecraft (Schneider Electric)** or similar industrial relay suppliers. These devices are designed to provide electrical isolation and control high-power circuits using low-power control signals. --- ### Technical Specifications Below are the typical electronic characteristics associated with this series: | Parameter | Specification | | :--- | :--- | | **Component Type** | Mini Industrial Power Relay / SSR | | **Contact Configuration** | SPST-NO (1 Form A) | | **Contact Rating** | 5A to 12A (Application dependent) | | **Nominal Voltage** | Varies by sub-model (Commonly 12VDC or 24VDC) | | **Termination Style** | Plug-in / PCB Mount | | **Sealing** | R-suffix often denotes "Resin Sealed" or "RoHS Compliant" | --- ### Key Internal Components To understand the "electronic parts" inside the M2SP-1A-R, we can break it down into two functional sections: #### 1. The Control (Input) Side * **Electromagnetic Coil:** A coil of fine copper wire that generates a magnetic field when energized. * **Back-EMF Diode (Optional/External):** Often used in parallel with the coil to protect the driving circuit from voltage spikes. #### 2. The Switching (Output) Side * **Armature:** A moving metal piece attracted by the coil's magnetism. * **Contacts:** Usually made of **Silver Tin Oxide (AgSnO2)** or **Silver Cadmium Oxide (AgCdO)**. These materials are chosen for their resistance to "welding" and electrical pitting. * **Spring Mechanism:** Ensures the contacts return to their default state (Open) when power is removed. --- ### Application and Usage The M2SP-1A-R is commonly found in: * **HVAC Systems:** Controlling fans or small compressors. * **Industrial Automation:** Acting as an interface between a PLC (Programmable Logic Controller) and a motor. * **Power Supplies:** Used as a soft-start or protection relay. --- ### Mounting and Pinout ```text Standard 4-Pin Layout (Typical): (1) + (2) --> Coil Input (3) + (4) --> Normally Open (NO) Contacts ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the exact coil voltage required for the M2SP-1A-R variant you are using?
    • ⤷ Are you looking for a pin-compatible replacement for this specific relay?
    • ⤷ Does your application require a high-switching frequency or long-term durability?