AI

The **M2SP-14-R2/N** is a specific model of an **Expansion Base Unit** (also known as a terminal block or base module) used primarily in industrial automation, specifically within the **M-System** M2 Series signal conditioners.
Below is a detailed breakdown of its electronic and mechanical specifications.
---
## 1. General Overview
The M2SP-14-R2/N acts as a physical and electrical interface. It allows for the "plug-and-play" installation of signal conditioners, providing the necessary wiring terminals for input, output, and power supply without needing to rewire the entire panel when a module is replaced.
### Key Specifications Table
| Feature | Specification |
| :--- | :--- |
| **Model Series** | M2 Series (M-System) |
| **Capacity** | 14-position (holds up to 14 modules) |
| **Power Input** | 24V DC / 100-240V AC (depending on internal wiring) |
| **Mounting** | Surface or Rack mount |
| **Terminal Type** | M3.5 Screw terminals |
| **Suffix "/N"** | Usually denotes "Without specific mounting bracket" or "Special spec" |
---
## 2. Electronic Connectivity
The base unit serves as a backplane. The electronic parts involved in its construction include:
### A. Internal Bus Bar/Wiring
The unit features internal distribution for the **Power Supply**.
- Instead of wiring power to 14 individual modules, you wire the power source to the base unit's main terminals.
- The base unit distributes this power to each of the 14 slots via an internal bus system.
### B. Signal Terminals (I/O)
Each of the 14 slots has dedicated screw terminals:
- **Input Terminals:** Receive signals from sensors (thermocouples, RTDs, 4-20mA loops).
- **Output Terminals:** Send processed signals to PLCs, DCS, or recorders.
- **Circuit Protection:** The terminals are designed to handle standard industrial voltage surges and provide isolated pathways for each module.
---
## 3. Structural & Material Parts
The electronics are housed in a rugged frame designed for industrial environments:
* **Housing Material:** Flame-resistant resin (typically black).
* **Terminals:** Nickel-plated brass screws (M3.5).
* **Connector Interface:** Multi-pin socket connectors that mate with the pins on the bottom of the M2 series modules.
---
## 4. Usage in a System
When using the M2SP-14-R2/N, the electronic workflow is as follows:
1. **Field Wiring:** Sensors are wired to the base unit terminals.
2. **Power:** A single power source is connected.
3. **Module Insertion:** The M2-series signal conditioners (e.g., M2WT, M2RS) are plugged into the slots.
4. **Hot Swapping:** Because the electronics are separated between the base and the module, you can remove a module (for calibration or repair) while the rest of the 13 modules remain powered and operational.
---
## 5. Model Code Breakdown
* **M2SP:** Series Name (Expansion Base for M2 Series).
* **14:** Number of slots (14 positions).
* **R2:** Power supply specification for the backplane (typically 24V DC).
* **N:** Optional code often indicating a specific terminal layout or the omission of a standard mounting plate.
- ⤷
What are the compatible signal conditioner modules for the M2SP-14-R2 base?
- ⤷ How do I wire the common power supply to the M2SP-14-R2?
- ⤷ What is the maximum current rating for the internal bus of this base unit?