M2SP-11-R/DN
AI

The **M2SP-11-R/DN** is a specific model within a series of industrial power control and signal conversion components, typically associated with **M-System** (now part of MG CO., LTD). This specific part number refers to a **Plug-in Power Motor Positioner** or a specific type of **Transmitter/Actuator Controller**.
---
### ## Technical Specifications
Below are the primary electronic characteristics and structural details for this component:
| Feature | Specification Details |
| :--- | :--- |
| **Model Type** | Motor Positioner (Electronic Actuator Control) |
| **Input Signal** | Standard analog (e.g., 4–20mA DC or 1–5V DC) |
| **Output Type** | Relay Contact or Triac (Depending on internal configuration) |
| **Power Supply** | 100–120V AC (Standard for 'R' designation) |
| **Mounting** | Plug-in base (Standard 11-pin or similar socket) |
| **Operation** | Compares input signal with feedback signal to drive motor |
---
### ## Core Electronic Components & Functions
The device functions as a closed-loop controller. Its internal electronic architecture consists of the following sections:
1. **Isolation Circuitry**:
The unit provides galvanic isolation between the input signal, the power supply, and the output contacts. This protects sensitive PLC or DCS controllers from high-voltage surges on the motor side.
2. **Comparator Circuit**:
Electronic op-amps compare the **Command Input** (desired position) with the **Feedback Potentiometer** signal (actual motor position).
3. **Deadband Adjustment**:
Includes a potentiometer to set the "Deadband." This prevents "hunting" (constant micro-adjustments) by defining a small range where the motor remains stationary.
4. **Relay/Solid State Outputs**:
Contains two sets of switches (typically for Open and Close directions). In the **DN** variant, these are often high-durability relays designed for inductive motor loads.
---
### ## Connection Terminal Mapping
Since this is a plug-in module, the wiring follows a specific pin-out logic:
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| **1 & 11** | Power Supply | AC Mains Input |
| **4 & 5** | Input Signal | Connection from Controller (PLC/DCS) |
| **6, 7, 8** | Feedback | Connection to Motor's Potentiometer |
| **9 & 10** | Output | Relay contacts for Motor Drive |
---
### ## Applications
* **Valve Actuation**: Controlling the opening percentage of a globe or ball valve.
* **Damper Control**: Adjusting airflow in HVAC or combustion systems.
* **Process Automation**: Translating low-power electronic signals into high-power mechanical movement.
- ⤷
What is the specific deadband range for the M2SP series?
- ⤷ How do I calibrate the span and zero for this motor positioner?
- ⤷ What are the compatible socket bases for the M2SP-11-R/DN?