công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M2SES2-H1-R/CE

  • AI
    The **M2SES2-H1-R/CE** is a high-performance **Magnetic Encoder System** (specifically a read head) typically manufactured by companies like **Renishaw** (under the RLS brand). It is designed for motion control applications where precision, speed, and durability in harsh environments are required. --- ### 1. Key Technical Specifications The electronics of this unit are miniaturized within the sensor head to process magnetic signals into digital data. | Feature | Specification | | :--- | :--- | | **Output Signal** | RS422 (Differential Digital) | | **Resolution** | Up to 1 µm (depending on interpolation) | | **Input Voltage** | 5V DC ± 5% | | **Maximum Speed** | Up to 100 m/s (at specific resolutions) | | **Protection Class** | IP68 (Fully potted electronics) | | **Connection Type** | Radial Cable Exit | --- ### 2. Core Electronic Components The internal architecture of the M2SES2-H1-R/CE consists of several critical electronic stages: #### A. Hall Effect Sensor Array The "front end" of the device contains a series of Hall effect sensors. As the head moves over a magnetic scale (like the MS series), these sensors detect the change in magnetic flux and convert it into analog sine and cosine waves. #### B. Signal Conditioning & Interpolation Since the raw magnetic poles are often millimeters wide, the internal electronics use an **Interpolation ASIC**. This chip: * Subdivides the magnetic period into smaller increments. * Corrects for signal offset and gain imbalances. * Converts the analog signals into digital square waves (A/B quadrature). #### C. RS422 Line Driver The output stage uses an RS422 differential driver. This is crucial for: * **Noise Immunity:** Using differential pairs ($A, A-, B, B-, Z, Z-$) allows the system to cancel out electromagnetic interference (EMI). * **Long Cable Runs:** It ensures signal integrity over several meters of cabling. --- ### 3. Pinout and Connection Logic The "R" in the part number signifies a **Radial** cable exit. The wiring generally follows standard industrial encoder protocols: ```yaml Red: 5V Power Supply Blue: 0V (Ground) Green: A+ (Positive Incremental) Yellow: A- (Negative Incremental) White: B+ (Positive Incremental) Brown: B- (Negative Incremental) Grey: Z+ (Index/Reference) Pink: Z- (Index/Reference) Shield: Case Ground ``` --- ### 4. Application Context The **CE** marking indicates compliance with European safety and EMC (Electromagnetic Compatibility) standards. This makes the electronic components suitable for: * **Industrial Automation:** High-speed pick-and-place machines. * **Harsh Environments:** Since the electronics are non-optical, they are unaffected by oil, dust, or moisture. * **Linear Motors:** Providing real-time position feedback for servo loops. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between the M2SES and LM series magnetic encoders?
    • ⤷ How do I calculate the maximum frequency for this encoder based on speed?
    • ⤷ What magnetic scale is compatible with the M2SES2-H1-R/CE?