M2SES2-6E-R2/
AI

The **M2SES2-6E-R2** is a high-performance industrial networking component, specifically an **M12-standard Ethernet switch module**. These devices are designed for rugged environments where vibration, moisture, and electrical noise are prevalent, such as in rail transport, industrial automation, or heavy machinery.
---
### 1. Core Technical Specifications
The following table outlines the primary electronic characteristics of the module:
| Component / Feature | Specification Details |
| :--- | :--- |
| **Interface Type** | M12 Connectors (D-Coded or X-Coded depending on speed) |
| **Port Count** | 6 Ethernet Ports |
| **Input Voltage** | Typically 24V DC (Wide range support common in R2 series) |
| **Housing** | IP67 rated (Waterproof and Dustproof) |
| **Ethernet Speed** | 10/100 Mbps (Fast Ethernet) or 10/100/1000 Mbps |
| **Mounting** | Wall mount / Machine-mount (No cabinet required) |
---
### 2. Key Electronic Features
#### A. M12 Connector Interface
Unlike standard RJ45 ports found on office routers, this part uses **M12 circular connectors**.
* **Mechanical Stability:** The screw-thread locking mechanism ensures the connection does not break under heavy vibration.
* **EMI Shielding:** The metal housing of the M12 connector provides superior grounding and protection against Electromagnetic Interference (EMI).
#### B. Power Management & Redundancy
The "R2" designation often implies a specific hardware revision that includes:
* **Reverse Polarity Protection:** Prevents damage if the DC power leads are connected incorrectly.
* **Overcurrent Protection:** Internal fuses or solid-state circuits to protect the logic board from power surges.
#### C. Managed vs. Unmanaged Logic
Most modules in this series act as **Unmanaged Switches**, meaning:
* **Plug-and-Play:** No software configuration is required.
* **Layer 2 Switching:** It handles data frames based on MAC addresses using an integrated switching ASIC (Application-Specific Integrated Circuit).
---
### 3. Application Use Cases
Because of its electronic robustness, the M2SES2-6E-R2 is typically found in:
1. **Railway Rolling Stock:** Connecting onboard cameras or passenger information systems.
2. **Factory Automation:** Linking PLC (Programmable Logic Controllers) on a robotic assembly line.
3. **Mining Equipment:** Data transmission in dusty and wet outdoor environments.
---
### 4. Schematic Representation (Simplified)
```mermaid
graph LR
A[DC Power Input] --> B[Internal Voltage Regulator]
B --> C[Ethernet Switching ASIC]
C --- D[Port 1: M12]
C --- E[Port 2: M12]
C --- F[Port 3: M12]
C --- G[Port 4: M12]
C --- H[Port 5: M12]
C --- I[Port 6: M12]
```
- ⤷
What is the difference between D-coded and X-coded M12 connectors for this module?
- ⤷ Does this model support Power over Ethernet (PoE) functionality?
- ⤷ What is the operating temperature range for the R2 revision?