M2SES2-6A-R2
AI

The **M2SES2-6A-R2** is a high-performance **Step-Servo (Closed-Loop Stepper) Motor** developed by Leadshine. It represents an integration of stepper motor technology with high-resolution feedback to eliminate the loss of steps, a common issue in traditional open-loop systems.
---
### 1. Key Technical Specifications
The following table highlights the core electrical and mechanical characteristics of the M2SES2-6A-R2:
| Feature | Specification |
| :--- | :--- |
| **Motor Type** | NEMA 24 Step-Servo (Integrated) |
| **Holding Torque** | 2.2 N.m (312 oz-in) |
| **Encoder Resolution** | 4,000 counts/rev (1,000 lines) |
| **Phase Current** | 6.0 A |
| **Input Voltage** | 24 - 70 VDC |
| **Logic Signal Current** | 7 - 16 mA |
| **Shaft Diameter** | 8 mm |
---
### 2. Major Electronic Components & Features
The "R2" designation often refers to the revised series featuring improved heat dissipation and signal processing.
#### A. Integrated Encoder
Unlike standard steppers, this part includes a built-in optical/magnetic encoder.
* **Closed-Loop Control:** It sends real-time position data back to the drive.
* **No Stalling:** If the motor encounters an obstacle, the controller adjusts the current to compensate rather than losing synchronization.
#### B. Power Stage (MOSFET/IGBT)
The internal drive uses advanced power transistors to manage high-speed switching.
* **Low Heat:** It utilizes **Variable Current Control** technology, meaning the motor only draws the current it needs for the specific load, significantly reducing operating temperatures.
#### C. Signal Processing (DSP)
The unit is powered by a 32-bit Digital Signal Processor (DSP) that handles:
* **Microstepping:** Smooths out rotation and reduces resonance.
* **Error Correction:** Triggers an "Alarm" signal if the position deviation exceeds a set threshold.
---
### 3. Wiring and Pinout Configuration
The electronic interface usually consists of two main connectors:
#### Control Signal Connector
| Pin | Name | Description |
| :--- | :--- | :--- |
| 1 | **PUL+** | Pulse signal input (Positive) |
| 2 | **PUL-** | Pulse signal input (Negative) |
| 3 | **DIR+** | Direction signal input (Positive) |
| 4 | **DIR-** | Direction signal input (Negative) |
| 5 | **ALM+** | Alarm output signal (Positive) |
#### Power Connector
* **VDC:** Positive Power Supply (Recommended 36V or 48V for optimal torque).
* **GND:** Power Ground.
---
### 4. Advantages over Standard Steppers
1. **High Torque at High Speed:** Traditional steppers lose torque quickly as RPM increases; the M2SES2-6A-R2 maintains a flatter torque curve.
2. **Quiet Operation:** The electronic dampening reduces the "ringing" or vibration at low speeds.
3. **Fast Response:** No "hunting" (oscillating at the target position) which is common in traditional servos.
---
- ⤷
What is the maximum pulse frequency supported by the M2SES2-6A-R2?
- ⤷ How do I configure the microstep resolution on this specific model?
- ⤷ What are the recommended power supply safety margins for 6A peak current?