M2SES2-63-R/CE
AI

The **M2SES2-63-R/CE** is a high-performance **Selector Switch** manufactured by **ABB**. It is part of the "Modular" range of pilot devices, designed for industrial control panels to provide manual command inputs for machinery and electrical circuits.
---
### 1. Technical Specifications
The following table summarizes the key electrical and physical characteristics of this specific model:
| Parameter | Specification |
| :--- | :--- |
| **Series** | M2SES2 (Modular Series) |
| **Type** | Selector Switch (Key Operated) |
| **Actuator Style** | Key-locked |
| **Number of Positions** | 2-position |
| **Maintained / Momentary** | Maintained (Stays in position when turned) |
| **Bezel Material** | Chrome Metal (indicated by "CE" / High Durability) |
| **Color** | Red ("R" in the part number) |
| **Degree of Protection** | IP66 (Dust-tight and protected against high-pressure water jets) |
---
### 2. Key Electronic & Mechanical Components
#### A. The Actuator (M2SES2)
The "M" stands for the **Modular** system. Unlike compact units, the modular design allows you to separate the operator (the key switch) from the contact blocks. This allows for easier maintenance and customization of the electrical logic.
#### B. Contact Blocks (Sold Separately)
While the M2SES2-63-R/CE refers to the front-of-panel operator, it functions by interacting with **MCB (Mounting Calibers)** and **Contact Blocks**:
* **NC (Normally Closed):** Breaks the circuit when the key is turned.
* **NO (Normally Open):** Completes the circuit when the key is turned.
* The switch can typically accommodate up to 6 contact blocks depending on the mounting tool used.
#### C. Key Functionality
* **Throw Angle:** Usually a 90-degree throw between position A and B.
* **Key Removal:** The "63" code typically dictates the key withdrawal positions (e.g., key can be removed in both positions or only in the "Off" position).
---
### 3. Applications and Usage
This part is specifically used in environments requiring high security or restricted access:
1. **Safety Interlocks:** Ensuring only authorized personnel with a physical key can start or stop a machine.
2. **Mode Selection:** Switching between "Manual" and "Auto" modes in industrial PLCs.
3. **Harsh Environments:** The Chrome bezel and IP66 rating make it suitable for oil, gas, and heavy manufacturing sectors where chemical exposure or wash-downs occur.
---
- ⤷
What are the compatible contact block part numbers for this ABB series?
- ⤷ What is the difference between the 'Modular' and 'Compact' ranges in ABB pilot devices?
- ⤷ Can the key be removed in both the 'On' and 'Off' positions for this specific model?