AI

The **M2SES-2H3-R2** is a high-performance industrial motor drive, specifically part of the **M2 Series** developed by **Sanyo Denki** (SanMotion). It is a 2-phase stepping motor driver designed for precision motion control.
---
### 1. Key Technical Specifications
The following table summarizes the primary electrical and physical characteristics of the M2SES-2H3-R2:
| Feature | Specification |
| :--- | :--- |
| **Input Voltage** | 100V AC to 230V AC (+10%, -15%) |
| **Phase Count** | 2-Phase |
| **Drive Method** | Unipolar Constant Current PWM |
| **Output Current** | 3.0A per phase (Peak) |
| **Microstep Resolution** | Up to 1/16 step (selectable via DIP switches) |
| **Frequency Response** | 250 kpps (max pulse frequency) |
| **Interface** | Pulse/Direction (Photocoupler isolated) |
---
### 2. Electronic Components & Internal Functions
The unit consists of several critical electronic subsystems:
* **Power Supply Stage:** Includes a bridge rectifier and high-voltage electrolytic capacitors to convert AC input into a stable DC bus for the motor.
* **Opto-Isolators:** The input signal terminals (Pulse, Direction, All-Windings-Off) use photocouplers to isolate the sensitive control logic from the high-voltage power stage, preventing electrical noise interference.
* **Power MOSFET H-Bridge:** The driving stage utilizes power MOSFETs or IGBTs configured to switch the current to the motor windings at high speeds using Pulse Width Modulation (PWM).
* **Logic Controller (ASIC/MCU):** A dedicated controller manages the microstepping logic, decay modes, and phase sequencing based on the external pulse train.
---
### 3. Protective Circuitry
To ensure reliability in industrial environments, the R2 variant includes several built-in safety features:
1. **Overcurrent Protection:** Shuts down the output if a short circuit or excessive load is detected.
2. **Overheat Protection:** Monitors the internal heatsink temperature; if it exceeds safety limits (typically 80°C), the drive trips a fault.
3. **Regeneration Handling:** Designed to manage back-EMF from the motor during rapid deceleration.
---
### 4. Configuration Switches
The module features a bank of DIP switches used to configure:
* **Current Settings:** Adjusting the output current to match the motor's rated current.
* **Microstepping:** Setting the resolution (e.g., 200, 400, 800, 1600, or 3200 pulses per revolution).
* **Step Angle:** Fine-tuning the angular displacement per pulse.
- ⤷
What are the recommended wiring diagrams for the M2SES-2H3-R2?
- ⤷ How do I calculate the correct current setting for a specific Sanyo Denki motor?
- ⤷ What is the difference between the R2 and the standard M2SES series?