M2SES-2C1-R2/Q
AI

The **M2SES-2C1-R2/Q** is a specific technical configuration typically associated with high-reliability industrial or aerospace components, often identified as a **Limit Switch** or **Microswitch** assembly. Based on standard component nomenclature (likely from manufacturers like Honeywell or similar industrial sensing brands), here is the breakdown of its electronic and mechanical parts.
---
### 1. Component Overview
This device is an electromechanical switch designed to convert physical motion into an electrical signal. It is built for rugged environments where precision and durability are required.
### 2. Technical Specifications & Parts
| Feature | Description |
| :--- | :--- |
| **Contact Configuration** | **DPDT (Double Pole Double Throw)** - Indicated by the "2C" designation. It controls two separate circuits with two output options each. |
| **Actuator Type** | Usually a **Roller Lever** or **Plunger**, designed to interface with mechanical cams or moving parts. |
| **Housing Material** | High-grade aluminum or reinforced polymer for EMI shielding and environmental protection. |
| **Sealing** | **IP67 or Hermetic sealing** (indicated by the /Q or R2 suffixes), making it resistant to oil, water, and dust. |
| **Termination** | Screw terminals or lead wires, depending on the specific "R2" sub-variant. |
---
### 3. Key Electronic Characteristics
* **Switching Capacity:** Typically rated for **5A to 10A** at 250VAC.
* **Contact Resistance:** Low initial contact resistance (usually <50mΩ) to ensure signal integrity in low-voltage logic circuits.
* **Dielectric Strength:** High insulation resistance between the contacts and the ground (often >1000V AC).
* **Snap-Action Mechanism:** Uses a spring-loaded "over-center" mechanism. This ensures that the contacts snap from one position to the other at a specific speed, regardless of how slow the physical actuator moves, preventing electrical arcing.
---
### 4. Circuit Diagram Representation
The "2C1" part of the code refers to the internal wiring configuration:
```mermaid
graph LR
Common1 --- NC1(Normally Closed 1)
Common1 --- NO1(Normally Open 1)
Common2 --- NC2(Normally Closed 2)
Common2 --- NO2(Normally Open 2)
```
### 5. Application Areas
1. **Industrial Automation:** Detecting the position of hydraulic cylinders or conveyor gates.
2. **Aerospace:** Landing gear position sensing or door latch verification.
3. **Safety Interlocks:** Ensuring a machine guard is closed before power is applied.
---
- ⤷
What are the specific voltage ratings for the M2SES series?
- ⤷ How does the 'R2' suffix change the mounting or wiring compared to the standard model?
- ⤷ Is this switch compatible with PLC digital input modules?