M2SES-2BD-R/CE
AI

Based on the technical specifications for the **M2SES-2BD-R/CE**, this part number refers to a **M2 Series Electronic Selector Switch** manufactured by **IDEC**.
These components are used in industrial control panels to bridge the gap between human manual input and electronic signaling.
---
### 1. Technical Specifications Overview
| Parameter | Details |
| :--- | :--- |
| **Series** | M2 Series (Miniature Control Units) |
| **Mounting Hole** | 16mm (Round) |
| **Operation** | 2-Position Selector |
| **Maintained/Momentary** | Maintained (Stays in position when turned) |
| **Contact Configuration** | DPDT (Double Pole Double Throw) |
| **Illumination** | Non-Illuminated |
| **Contact Material** | Gold-clad Silver |
| **Bezel Shape** | Round |
---
### 2. Breakdown of the Part Number
The alphanumeric code describes the specific electronic and mechanical properties of the unit:
* **M2**: The product series (16mm miniature size).
* **S**: Selector switch functionality.
* **E**: Electronic-level switching capability (often referring to gold contacts for low-current applications).
* **S**: Standard Bezel.
* **2**: 2-Position (90° angle between positions).
* **B**: Knob operator style.
* **D**: DPDT contact block (4 terminals for switching two independent circuits).
* **R**: Color (typically refers to the knob/insert color, in this case, Red).
* **CE**: Compliance marking (Conformité Européenne), indicating it meets EU safety/health standards.
---
### 3. Electronic Characteristics
Because this is an **Electronic Selector**, it is designed differently than heavy-duty industrial switches:
* **Low-Level Switching:** The gold-clad contacts are engineered to handle low-current signals (logic levels). This prevents "oxide film" buildup that usually occurs on standard silver contacts when used with very low voltages.
* **Contact Rating:** Typically rated for 5V to 30V DC and currents as low as 1mA up to 3A (depending on the specific load type).
* **Termination:** Usually features solder/tab terminals, making them ideal for PCB integration or thin-gauge wire harnesses in compact control boxes.
* **Environment:** Rated IP40 (Dust protected) or IP65 (Waterproof), depending on the specific gasket installation.
---
### 4. Typical Applications
* **Mode Selection:** Switching a machine between "Manual" and "Auto" modes.
* **Logic Inputs:** Sending signals to a PLC (Programmable Logic Controller) or a microcontroller.
* **Safety Interlocks:** Used in low-voltage control circuits to enable or disable specific functions.
- ⤷
What is the maximum current rating for the DPDT contacts on this IDEC switch?
- ⤷ Does the M2SES-2BD-R/CE require a specific tool for 16mm panel mounting?
- ⤷ Can this switch be upgraded to an illuminated version using the same mounting hole?