M2SES-2A3-R/Q
AI

Based on the part number provided, this component belongs to the **M2S (M2 Series)** of industrial control switches, specifically manufactured by companies like **IDEC** or similar industrial automation suppliers. This model is a **22mm Key Selector Switch**.
### Technical Specifications Breakdown
The alphanumeric code `M2SES-2A3-R/Q` breaks down into the following electronic and mechanical characteristics:
| Feature | Specification | Description |
| :--- | :--- | :--- |
| **Series** | M2 | 22mm diameter industrial control series. |
| **Operator Type** | SE (Key) | Key-operated selector switch for security and restricted access. |
| **Function** | S (Stay-put) | Maintained action; the switch stays in the position it is turned to. |
| **Positions** | 2 | Two-position switch (e.g., On/Off or Auto/Manual). |
| **Contact Config** | A3 | 2NO (2 Normally Open) and 2NC (2 Normally Closed) contact blocks. |
| **Key Removability** | R | Key is removable in the Right position only. |
| **Compliance** | /Q | Often denotes specialized labeling or specific quality compliance standards. |
---
### Key Electronic Components
#### 1. Contact Blocks
The "heart" of the electrical part is the contact block assembly.
* **Voltage Rating:** Typically rated for up to 600V AC/DC.
* **Current Rating:** Usually 10A (Thermal Current).
* **Material:** Often silver-plated contacts to ensure low resistance and high reliability in industrial environments.
#### 2. Mounting Structure
* **Diameter:** Designed for a standard **22mm** circular cutout in a control panel.
* **Ingress Protection:** Usually rated **IP65**, meaning it is dust-tight and protected against water jets, making it suitable for factory floors.
#### 3. Mechanical Interlock
The "Key" mechanism acts as a mechanical security layer. Unlike a standard knob, the internal tumblers must align via the specific key profile to allow the rotation that bridges the internal electrical contacts.
---
### Common Applications
* **Emergency Overrides:** Restricting the ability to bypass safety systems to authorized personnel.
* **Mode Selection:** Switching a machine between "Manual" and "Automatic" modes.
* **Power Isolation:** Acting as a control circuit disconnect for maintenance.
- ⤷
What are the wiring diagrams for 2NO/2NC contact configurations?
- ⤷ Can the key be replaced with a standard knob on this series?
- ⤷ What is the maximum DC voltage rating for the M2 series contact blocks?