công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M2SES-26B-R2/UL

  • AI
    The **M2SES-26B-R2/UL** is a specific electronic component primarily associated with industrial automation and control systems, specifically serving as a **Safety Relay Module** or a **Safety Interface Module**. Below is a detailed breakdown of its electronic characteristics and specifications. --- ## 1. Component Overview This device is designed to monitor safety inputs (like emergency stop buttons or light curtains) and provide a reliable, redundant output to shut down machinery in the event of a fault or safety breach. ### General Specifications | Feature | Details | | :--- | :--- | | **Category** | Safety Relay / Interface Module | | **Model Series** | M2SES | | **Certification** | UL Listed (Underwriters Laboratories) | | **Mounting Type** | DIN Rail Mounting | | **Configuration** | 26-terminal/pin density (indicated by "26B") | --- ## 2. Key Electronic Features ### A. Redundancy and Safety The "R2" in the suffix typically denotes a specific revision or a **Dual Redundant** internal architecture. This ensures that if one internal relay fails (e.g., contacts weld), the second relay remains capable of opening the circuit to prevent hazardous operation. ### B. Input/Output (I/O) Structure * **Voltage Rating:** Usually operates on **24V DC**, common in industrial control cabinets. * **Input Channels:** Designed to handle dual-channel inputs to detect short circuits across cables or ground faults. * **Output Contacts:** Features force-guided contacts. These are specialized relays where NO (Normally Open) and NC (Normally Closed) contacts are mechanically linked so they cannot both be closed at the same time. ### C. UL Compliance The **/UL** suffix signifies that the component meets specific safety standards for the North American market, including: * Flame retardant housing materials. * Specific dielectric strength requirements. * Reliability testing under high-load conditions. --- ## 3. Terminal Mapping (Typical) While specific wiring depends on the manufacturer (often associated with brands like **IDEC** or specialized safety vendors), the 26-pin configuration generally follows this logic: | Terminal Group | Function | | :--- | :--- | | **Power (A1/A2)** | 24V DC Supply Input | | **S11/S12 & S21/S22** | Safety Input Loops (Channel 1 and Channel 2) | | **13/14, 23/24** | NO Safety Outputs (Power to Machine) | | **31/32** | NC Auxiliary Output (Status/Feedback to PLC) | | **X1/X2** | Feedback/Reset Loop | --- ## 4. Application Use Cases 1. **Emergency Stop Monitoring:** Connecting multiple E-stop buttons in a series to a single control point. 2. **Interlock Switches:** Monitoring the status of safety gates on robotic cells. 3. **Light Curtains:** Interfacing optical safety barriers with a machine's motor contactors.
    ✨ Follow-up Questions
    • ⤷ What are the specific wiring diagrams for the M2SES-26B-R2/UL?
    • ⤷ How does a force-guided relay differ from a standard relay in this module?
    • ⤷ What is the maximum current rating for the output contacts on this device?