M2SES-262-R/Q
AI

The **M2SES-262-R/Q** is a high-precision, space-grade sensor component, typically identified as a **Solar Aspect Sensor** (or Solar Wing Sensor) manufactured by companies like **Adcole Space** (now Redwire). These sensors are critical for the Attitude Control Systems (ACS) of satellites.
---
### 1. General Specifications
This specific part is designed to detect the angle of the sun relative to the spacecraft, providing telemetry data necessary for sun-pointing and solar array orientation.
| Feature | Description |
| :--- | :--- |
| **Component Type** | Digital Solar Aspect Sensor (DSAS) |
| **Grade** | Space-qualified (Radiation Hardened) |
| **Input Type** | Optical (Solar Photons) |
| **Output Type** | Gray Coded Digital Signal |
| **Primary Use** | Satellite Attitude Determination & Control |
---
### 2. Core Electronic Architecture
The electronics within the M2SES series are divided into optical reception and signal processing:
#### A. The Optical Front-End
* **Reticle/Slit:** A precision-etched quartz or metal mask that allows light to pass through in specific patterns.
* **Photo-detector Array:** A silicon-based multi-element detector located behind the reticle. When sunlight passes through the slit, it illuminates specific segments of the detector.
#### B. Signal Processing Logic
* **Comparator Circuitry:** The analog signals from the photo-detectors are converted into binary states (0 or 1).
* **Gray Code Encoding:** To prevent errors during state transitions, the sensor uses a Gray Code output. This ensures that only one bit changes at a time as the sun moves across the field of view.
* **Redundancy (R/Q Suffix):** The "R/Q" designation often refers to specific screening levels or redundant internal wiring to ensure mission success in harsh vacuum environments.
---
### 3. Pinout and Interface Characteristics
While exact pinouts are proprietary to the manufacturer's data sheet, the interface typically follows these standards:
```yaml
Interface_Type: Parallel Digital
Voltage_Range: +5V DC to +28V DC (depending on bus)
Data_Bits: 8-bit to 12-bit resolution
Connection: High-density D-Sub or Circular Space Connector
```
---
### 4. Environmental & Reliability Factors
Because this part is used in orbit, the electronics are designed to withstand:
1. **Total Ionizing Dose (TID):** Protection against long-term radiation exposure.
2. **Thermal Vacuum:** Operational capability from -40°C to +70°C in a vacuum.
3. **Outgassing:** Materials are chosen to prevent the release of gasses that could fog the optical lenses.
---
- ⤷
What is the angular resolution of the M2SES-262 series?
- ⤷ How does Gray Code improve the reliability of solar aspect sensors?
- ⤷ Which satellite missions currently utilize Adcole solar sensors?