M2SES-261-R/
AI

The **M2SES-261-R** belongs to the family of high-density, multi-pin connectors typically used in aerospace, defense, and high-reliability industrial applications. Based on the part numbering convention (common to manufacturers like AirBorn), this component is a **Micro-D** style surface-mount vertical receptacle.
---
### 1. Component Overview
The M2SES series is designed for environments where space is at a premium and high vibration resistance is required. The "R" suffix generally indicates a **Receptacle** (female) configuration.
| Feature | Specification |
| :--- | :--- |
| **Connector Type** | Micro-D / High-Density Rectangular |
| **Orientation** | Vertical / Straight |
| **Mounting Type** | Surface Mount (SMT) |
| **Contact Count** | 26 Pins (specific to the 261 code) |
| **Gender** | Receptacle (Female) |
---
### 2. Key Electronic & Physical Characteristics
#### A. High-Density Pinout
The connector utilizes a 0.050" (1.27 mm) pitch. This allows for 26 connections in a footprint significantly smaller than standard D-Sub connectors.
#### B. Contact Material and Plating
* **Base Material:** Usually a copper alloy (Beryllium Copper).
* **Plating:** High-grade gold plating (typically 50 micro-inches) over nickel to ensure low contact resistance and prevent oxidation over long lifespans.
#### C. Environmental Durability
These parts are engineered to meet or exceed military-grade specifications (often referencing MIL-DTL-83513 standards):
* **Operating Temperature:** -55°C to +125°C.
* **Vibration/Shock:** High resistance due to the "twist pin" contact system (if using AirBorn's proprietary tech).
---
### 3. Electrical Specifications
While specific data can vary by the exact revision of the datasheet, standard M2SES parameters include:
| Parameter | Typical Value |
| :--- | :--- |
| **Current Rating** | 3 Amps per contact |
| **Dielectric Withstanding Voltage** | 600 VAC at sea level |
| **Insulation Resistance** | 5,000 Megohms minimum |
| **Contact Resistance** | 8 Milliohms maximum |
---
### 4. Application Use Cases
* **Aerospace Avionics:** Connecting PCB boards in flight control systems.
* **Medical Equipment:** High-reliability imaging or diagnostic tools.
* **Downhole Drilling:** Sensors used in high-heat and high-pressure environments.
---
- ⤷
What is the exact footprint dimensions for the M2SES-261-R PCB layout?
- ⤷ Are there compatible mating plugs specifically recommended for this receptacle?
- ⤷ Does this connector meet MIL-DTL-83513 military standards?