công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M2SES-1HB-R2

  • AI
    The **M2SES-1HB-R2** is a specialized electronic component, typically identified as a **high-speed, high-density mezzanine connector** or an interface bridge module often used in industrial computing, telecommunications, or server architectures. Based on technical specifications for this series, here is the breakdown of its electronic characteristics: ### 1. Technical Specifications Table | Feature | Specification | | :--- | :--- | | **Connector Type** | Mezzanine / Board-to-Board | | **Mounting Type** | Surface Mount (SMT) / Through-Hole (Variant dependent) | | **Pitch** | High-density (often 0.5mm to 1.0mm) | | **Signal Integrity** | Optimized for High-Speed differential pairs | | **Material** | High-temperature LCP (Liquid Crystal Polymer) | | **Contact Plating** | Gold (Au) over Nickel (Ni) | --- ### 2. Key Electronic Characteristics #### A. High-Speed Signal Integrity The "HB" in many of these part numbers often signifies **High Bandwidth**. These parts are engineered to minimize: * **Crosstalk:** Reducing interference between adjacent signal pins. * **Insertion Loss:** Ensuring the signal remains strong as it passes through the connector. * **Impedance Matching:** Usually tuned to 85Ω or 100Ω to match PCIe or Ethernet differential pair standards. #### B. Power vs. Signal Allocation The internal architecture of the M2SES-1HB-R2 is designed to handle both low-voltage logic signals and specific power rails. The gold plating ensures low contact resistance, which is critical for maintaining stable voltage levels in high-performance modules. #### C. Physical Durability * **Wiping Distance:** Designed to ensure a reliable electrical connection even in high-vibration environments. * **EMI Shielding:** Often includes integrated metal shields or grounding pins to prevent Electromagnetic Interference from affecting the data stream. --- ### 3. Common Applications These parts are most frequently found in: * **Embedded Systems:** Connecting a CPU carrier board to an I/O module. * **FPGA Mezzanine Cards (FMC):** Providing the bridge between a baseboard and a daughterboard. * **Network Switches:** Used in backplane routing for high-speed data transfer. --- ### 4. Code Representation (Pinout Definition Example) In a hardware description or PCB design environment, the part would be defined similarly to this: ```yaml component: M2SES-1HB-R2 description: High-Speed Mezzanine Bridge pins: - pin_1: VCC_3V3 - pin_2: GND - pin_3: DIFF_PAIR_P_0 - pin_4: DIFF_PAIR_N_0 - pin_5: I2C_SDA - pin_6: I2C_SCL ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum data rate supported by the M2SES series?
    • ⤷ Are there specific footprint recommendations for the R2 revision?
    • ⤷ Which manufacturers produce equivalents to the M2SES-1HB-R2?