công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M2SES-1HA-R/CE

  • AI
    The **M2SES-1HA-R/CE** belongs to the M2SES series of **Safety Edge Evaluation Units** (Safety Relays) manufactured by **Panasonic** (formerly SUNX). This device is a critical electronic component used to monitor pressure-sensitive safety edges, bumpers, or mats. --- ### 1. Core Technical Specifications The device acts as an interface between a mechanical safety sensor and a machine's emergency stop circuit. | Feature | Specification | |:--- |:--- | | **Control Supply Voltage** | 24V DC | | **Safety Inputs** | 1-channel (Monitoring for a specific resistance) | | **Contact Outputs** | 2 NO (Normally Open) safety contacts | | **Auxiliary Output** | 1 NC (Normally Closed) signal contact | | **Response Time** | < 20 ms | | **Safety Category** | Up to Category 3 / PLd (depending on wiring) | | **Mounting Type** | 35mm DIN Rail | --- ### 2. Key Electronic Functions The M2SES-1HA-R/CE performs three primary electronic tasks to ensure safety: #### A. Resistance Monitoring (Terminating Resistor) The unit monitors the input circuit using a specific termination resistance (typically **8.2 kΩ**). * **Normal State:** Resistance is 8.2 kΩ; the relay remains energized. * **Triggered State:** If the safety edge is pressed, the resistance drops to 0 Ω (short circuit); the relay trips. * **Fault State:** If the wire is cut, the resistance becomes infinite (open circuit); the relay trips. #### B. Redundancy and Self-Checking The internal circuitry uses dual-channel internal processing. If one internal component fails, the second component ensures the safety function is still performed, preventing a "dangerous failure." #### C. Feedback Loop (EDM) It includes an **External Device Monitoring (EDM)** circuit. This allows the unit to monitor the status of external contactors to ensure they haven't welded shut before allowing the machine to restart. --- ### 3. Connection Overview The terminal block is usually organized as follows: 1. **A1 / A2:** Power supply input (24V DC). 2. **S1 / S2:** Input for the Safety Edge (Pressure sensor). 3. **13-14 / 23-24:** Redundant Safety Outputs (NO). 4. **31-32:** Auxiliary Monitor Output (NC). 5. **X1 / X2:** Reset/Feedback loop. --- ### 4. Application Use Case This electronic part is typically found in: * **Automatic Gates:** Stopping the motor if a person is squeezed. * **AGVs (Automated Guided Vehicles):** Acting as a "soft bumper" sensor. * **Industrial Doors:** Preventing the door from closing on obstacles.
    ✨ Follow-up Questions
    • ⤷ How do you wire the 8.2 kΩ resistor for this specific unit?
    • ⤷ What is the difference between manual and automatic reset modes in the M2SES series?
    • ⤷ Can this unit be used with safety light curtains or only pressure edges?