M2SES-1B1-R2/N
AI

The **M2SES-1B1-R2/N** is a specialized electronic component typically used in industrial automation, specifically within the realm of **limit switches** or **position sensors**. This specific part number often refers to a modular limit switch body or assembly used for sensing mechanical motion and converting it into an electrical signal.
---
### 1. Technical Specifications Overview
Below is a breakdown of the typical electronic and mechanical characteristics associated with this series:
| Parameter | Description |
| :--- | :--- |
| **Component Type** | Industrial Limit Switch / Position Switch |
| **Contact Configuration** | 1NO (Normally Open) + 1NC (Normally Closed) |
| **Switching Function** | Snap-Action or Slow-Action (model dependent) |
| **Housing Material** | Heavy-duty Die-cast Metal or Reinforced Plastic |
| **Connection Type** | M12 Connector or Screw Terminals |
| **Protection Rating** | IP65 / IP67 (Dust tight and Water resistant) |
---
### 2. Core Electronic Parts and Functions
The internal architecture consists of several critical electronic and electromechanical parts:
#### A. Contact Blocks
The "heart" of the component. When the external lever or plunger is moved, it triggers the internal contact block.
* **Stationary Contacts:** Fixed points connected to the wiring.
* **Movable Contacts:** A bridge that moves to complete or break the circuit.
#### B. The Actuator Mechanism
This is the mechanical interface that interacts with the machine parts. In the **M2SES** series, this usually includes:
* **Internal Spring:** Provides the "reset" force to return the switch to its original state.
* **Cam/Plunger:** Translates external force into internal contact movement.
#### C. Termination Interface
* **R2/N Designation:** This often refers to the specific wiring output, such as a **Right-angle M12 connector** or a specific cable gland entry size (like NPT or PG13.5).
---
### 3. Application Use Cases
The M2SES-1B1-R2/N is designed for rugged environments where precision and reliability are required:
1. **Safety Interlocking:** Ensuring a machine guard is closed before the motor starts.
2. **End-of-Travel Sensing:** Stopping a conveyor belt or CNC axis when it reaches its maximum limit.
3. **Object Detection:** Counting items on a production line via physical contact.
---
### 4. Circuit Diagram Representation
In a standard electrical schematic, the wiring for a 1NO+1NC configuration would look like this:
```mermaid
graph LR
LineIn((Input)) --> NC[Normally Closed 11/12]
LineIn((Input)) --> NO[Normally Open 23/24]
NC --> Load1[Stop Signal]
NO --> Load2[Start/Indication]
```
- ⤷
What are the specific voltage and current ratings for the M2SES-1B1-R2/N?
- ⤷ Does this model support 'Positive Opening' for safety applications?
- ⤷ How does the 'R2/N' suffix impact the mounting dimensions?