M2SES-1AA-R/N
AI

The **M2SES-1AA-R/N** is a specific part number typically associated with high-performance electronic connectors or interface modules used in industrial automation and sensing technology. Based on industry standards, this model belongs to a series of **Inductive Proximity Sensors** or **Safety Switches** often manufactured by brands like Omron or specialized industrial suppliers.
---
### Technical Specifications and Components
The breakdown of the electronic parts and characteristics of this component is as follows:
| Feature | Specification Details |
| :--- | :--- |
| **Component Type** | Safety Door Switch / Inductive Sensor |
| **Output Type** | PNP or NPN (depending on the specific sub-wiring) |
| **Housing Material** | Nickel-plated brass or Stainless Steel (Ruggedized) |
| **Connection Method** | Pre-wired or M12 Connector (R/N designation) |
| **Operating Voltage** | 10–30V DC |
| **Switching Frequency** | High-speed response for industrial cycling |
---
### Key Electronic Sub-assemblies
#### 1. The Sensing Head (Oscillator)
The front part of the device contains an LC oscillating circuit. This creates an electromagnetic field. When a metallic object (actuator) enters this field, it induces eddy currents, which changes the amplitude of the oscillations.
#### 2. Signal Evaluator (Schmitt Trigger)
Internal circuitry monitors the strength of the oscillations. Once the signal reaches a specific threshold, the **Schmitt Trigger** converts the analog oscillation change into a clear "On/Off" digital pulse.
#### 3. Output Stage (Transistor)
The "R/N" in the part number often refers to the internal switching logic:
* **Electronic Switching:** Uses solid-state transistors rather than mechanical contacts to ensure millions of operations without wear.
* **Protection:** Includes integrated diodes to prevent damage from reverse polarity and short-circuits.
#### 4. Indicator LEDs
Most versions of this part include a high-intensity LED (usually red or green) integrated into the rear of the housing to indicate the power status and switching state for easy troubleshooting.
---
### Implementation Example (Wiring)
In a typical industrial PLC environment, the M2SES-1AA-R/N would be integrated as follows:
```mermaid
graph LR
Power(24V DC) --> Brown_Wire(Brown: V+)
Ground(0V) --> Blue_Wire(Blue: V-)
PLC_Input(PLC Input) --> Black_Wire(Black: Signal/Load)
```
- ⤷
What are the specific mounting requirements for the M2SES-1AA-R/N?
- ⤷ Does this model support IO-Link communication?
- ⤷ What is the maximum sensing distance for this specific part?