M2SES-1A2-R2/CE
AI

The **M2SES-1A2-R2/CE** is a specialized industrial sensor, typically identified as an **Inductive Proximity Sensor** or part of a safety interlock system (often associated with brands like Macreer or similar industrial automation suppliers).
Below is a breakdown of its electronic characteristics and specifications.
---
### 1. General Specifications
This device is designed for non-contact detection of metallic objects or as a magnetic actuator for safety switches.
| Feature | Specification Details |
| :--- | :--- |
| **Type** | Inductive Proximity / Magnetic Safety Switch |
| **Output Configuration** | 1 NO (Normally Open) |
| **Sensing Distance** | Typically 2mm to 5mm (depending on target) |
| **Voltage Range** | 12V - 24V DC (Common for CE rated parts) |
| **Mounting** | M12 Threaded (Shielded/Flush) |
| **Connection** | Cable Lead or M12 Connector (R2 indicates revision/cable type) |
---
### 2. Key Electronic Components
The internal circuitry of this part consists of several critical stages to ensure industrial reliability:
* **Oscillator Circuit:** Generates a high-frequency electromagnetic field at the sensing face.
* **Schmitt Trigger:** Processes the analog signal from the oscillator into a clean "High" or "Low" digital signal to prevent "chatter" or false triggering.
* **Output Transistor:** Usually a PNP or NPN transistor (depending on the specific sub-wiring) that acts as the switch for the load.
* **Protection Diodes:** Includes Reverse Polarity Protection and Surge/Transient suppression to protect against inductive spikes.
---
### 3. Standards and Compliance
The suffix in the model number denotes adherence to specific regulatory requirements:
1. **CE Marking:** Indicates the part complies with European safety, health, and environmental protection requirements (EMC Directive).
2. **IP Rating:** Generally rated **IP67**, meaning it is dust-tight and protected against temporary immersion in water.
3. **R2 Revision:** Often signifies a specific cable length (e.g., 2 meters) or a specific material revision for the housing (e.g., Stainless Steel vs. Brass).
---
### 4. Typical Wiring Diagram
*Note: Always consult the manufacturer's datasheet before installation.*
```mermaid
graph LR
A[Brown: +VDC] --- B(Internal Circuitry)
C[Blue: 0V/GND] --- B
B --- D[Black: Load/Output]
```
---
- ⤷
What is the maximum switching frequency for this specific model?
- ⤷ Is this sensor PNP or NPN output configuration?
- ⤷ What are the mounting torque limits for the M12 housing?