M2SES-1A2-R2
AI

The **M2SES-1A2-R2** is a specific part number typically associated with high-performance **Magnetic Proximity Sensors** or **Reed Switches**, often used in industrial automation and security systems.
Below is a detailed breakdown of its electronic characteristics and components.
---
### 1. General Specifications
The M2SES series is designed for non-contact sensing, utilizing a magnetic field to actuate a switch.
| Feature | Description |
| :--- | :--- |
| **Type** | Magnetic Proximity Switch (Reed Type) |
| **Contact Form** | 1A (SPST - Normally Open) |
| **Housing Material** | Stainless Steel or High-Durability Resin |
| **Connection Type** | Lead Wire or M12 Connector (variant dependent) |
| **Switching Voltage** | Max 100V - 250V AC/DC (Standard Range) |
---
### 2. Internal Electronic Parts
The device consists of three primary internal layers/components:
#### A. The Reed Switch Insert
This is the "heart" of the component. It consists of two ferromagnetic blades (reeds) hermetically sealed in a glass envelope filled with inert gas.
* **Plating:** Usually Rhodium or Ruthenium to prevent contact welding.
* **Operation:** When a magnet approaches, the blades become polarized and pull together, closing the circuit.
#### B. Protection Circuitry (Internal)
While basic models are passive, the "-R2" designation often implies specific resistance or protection features:
* **Resistor (Internal):** Sometimes used for line monitoring to detect if the wire has been cut (End-of-Line monitoring).
* **Encapsulation:** The internal cavity is filled with epoxy resin to protect the electronics from vibration, moisture, and dust.
#### C. Magnetic Actuator (External Pair)
This part functions as the "trigger." It is a permanent magnet (usually Neodymium or Alnico) encased in a matching housing.
---
### 3. Technical Parameters
| Parameter | Typical Value |
| :--- | :--- |
| **Switching Current** | 0.5A to 1.0A |
| **Contact Resistance** | < 150 mΩ |
| **Operating Temperature** | -20°C to +85°C |
| **Sensing Distance** | 10mm to 25mm (Depends on magnet strength) |
---
### 4. Applications
* **Safety Interlocking:** Ensuring machine guards are closed before operation.
* **Position Detection:** Used on pneumatic cylinders or sliding doors.
* **Security:** Monitoring the status of heavy-duty gates or industrial shutters.
---
- ⤷
What is the specific sensing distance for the M2SES-1A2-R2?
- ⤷ Can this sensor be used in explosive (ATEX) environments?
- ⤷ How does the 'R2' suffix change the wiring configuration?