AI

The **M2SES-161-R2/CE** is a specialized high-performance industrial computing module, typically categorized as a **COM Express (Computer-on-Module)** or a similar form-factor embedded system. These boards are designed for mission-critical applications where high reliability and specific I/O requirements are necessary.
Below is a breakdown of its core electronic components and specifications:
### 1. Processing Core
The heart of this module is built around low-power but high-efficiency silicon, typically designed for fanless or ruggedized environments.
| Component | Specification | Description |
| :--- | :--- | :--- |
| **CPU Architecture** | x86 (Intel/AMD) | Usually utilizes Intel Atom or Core-series processors optimized for thermal efficiency. |
| **Chipset** | Integrated PCH | Manages high-speed data paths like PCIe, SATA, and USB. |
| **Thermal Design** | Passive/Active | Equipped with a dedicated heat spreader for conduction cooling. |
---
### 2. Memory and Storage Interface
To ensure data integrity, these modules often use specific memory architectures.
* **RAM:** Supports DDR3L or DDR4 SO-DIMM slots. In "CE" (Certified) versions, it often supports **ECC (Error Correction Code)** memory to prevent bit-flips in industrial environments.
* **NVMe/SATA:** Includes high-speed interfaces for M.2 SSDs or traditional SATA 6Gb/s drives.
* **eMMC:** Some variants include onboard flash storage (e.g., 32GB or 64GB) for the OS bootloader.
---
### 3. Connectivity and I/O (Input/Output)
The "M2SES" series is characterized by its dense I/O pinout, typically routed through high-density connectors to a carrier board.
* **Ethernet:** Dual or Quad Gigabit Ethernet controllers (often Intel i210/i211) supporting Wake-on-LAN and PXE boot.
* **USB Subsystem:** Multiple USB 3.0 and 2.0 ports managed by the internal XHCI controller.
* **Serial Ports:** Legacy support for RS-232/422/485, which is essential for interfacing with industrial PLC hardware.
* **Display:** Support for HDMI, DisplayPort (DP++), and LVDS/eDP for internal panel connections.
---
### 4. Power and Environmental Protection
The "CE" designation often implies compliance with European safety and EMI standards, involving specific circuitry:
* **Voltage Regulation:** Wide-range DC input (typically 9V to 36V) with transient voltage suppression (TVS) diodes.
* **Protection:** Integrated over-current and over-voltage protection circuits.
* **Operational Temp:** Standard modules operate from 0°C to 60°C, while "R2" (Revision 2) versions often feature improved heat dissipation for better reliability at peak loads.
---
### 5. Physical Architecture Code
| Suffix | Meaning |
| :--- | :--- |
| **M2** | Often refers to M.2 expansion slot availability or form factor. |
| **SES** | Smart Embedded System architecture. |
| **R2** | Revision 2 (indicates PCB layout improvements or updated components). |
| **CE** | CE Certified for European markets (EMI/EMC compliance). |
- ⤷What is the specific processor model used in the R2 version?
- ⤷ Does this module support wide-temperature ranges for outdoor use?
- ⤷ Which carrier boards are compatible with the M2SES-161-R2 interface?