M2SBS-B1D-R2
AI

The **M2SBS-B1D-R2** is a specific model within a series of industrial-grade **M.2 to SATA/mSATA Bridge Boards** or high-performance solid-state storage adapters. These parts are typically used in embedded computing, industrial automation, and networking hardware.
---
### 1. Component Overview
The device functions as a hardware bridge, allowing an M.2 (NGFF) storage module to communicate with a standard SATA host interface. This is critical for systems that have SATA connectors but require the compact form factor of M.2 drives.
### 2. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Interface (Host)** | 7+15 Pin SATA (Standard SATA Data + Power) |
| **Interface (Device)** | M.2 (NGFF) B-Key or B+M Key |
| **Form Factor Support** | 2230, 2242, 2260, 2280 |
| **Bus Type** | SATA III (6Gbps) - *Note: Does not support NVMe/PCIe* |
| **Voltage Input** | 3.3V (Regulated from 5V SATA input) |
| **Operating Temp** | -40°C to +85°C (Industrial Grade) |
---
### 3. Electronic Architecture
The board consists of several critical electronic sub-systems to ensure data integrity and power stability:
#### A. Power Management IC (PMIC)
Since SATA power provides 5V/12V and M.2 modules require **3.3V**, the board features a Step-Down (Buck) Voltage Regulator.
* **Filtering:** Includes decoupling capacitors to minimize ripple noise that could affect SSD performance.
* **Protection:** Often includes OCP (Over-Current Protection) and TVS diodes for ESD protection.
#### B. Signal Integrity
The PCB layout utilizes differential pair routing for the SATA data lines.
* **Impedance Matching:** Designed for 100-ohm differential impedance.
* **Coupling Capacitors:** Small surface-mount capacitors are placed on the TX/RX lines to block DC bias while allowing high-speed AC data signals to pass.
#### C. Connector Pinout (M.2 B-Key)
| Pin Range | Function |
| :--- | :--- |
| **1-11** | Ground and Power (3.3V) |
| **12-19** | Not Used (Reserved for USB/PCIe in other M.2 types) |
| **41-49** | SATA Transmit/Receive Differential Pairs |
| **70-75** | 3.3V Power |
---
### 4. Important Usage Note
**Compatibility Warning:**
The M2SBS-B1D-R2 is designed for **SATA-protocol M.2 SSDs**. It will physicaly fit, but will **not** function with NVMe (M-Key) SSDs. Always verify that the SSD has a "B" or "B+M" key notch.
---
- ⤷What is the difference between B-Key and M-Key in M.2 connectors?
- ⤷ Does this bridge board require specific drivers to work in Windows or Linux?
- ⤷ How does the industrial temperature rating affect the component choices on the PCB?