M2SBS-B1B-R2
AI

The **M2SBS-B1B-R2** is a specific part number typically associated with **M.2 SSD to SATA Adapters** or specialized expansion cards used in embedded computing and industrial hardware (often related to brands like Innodisk or similar industrial storage providers).
Below is a breakdown of the electronic components and technical specifications associated with this type of hardware.
---
### 1. General Technical Specifications
This device acts as a bridge between the M.2 (NGFF) form factor and a standard SATA interface.
| Feature | Specification |
| :--- | :--- |
| **Interface (Host)** | SATA III (6.0 Gbps) |
| **Interface (Device)** | M.2 B-Key / B+M Key |
| **Supported Sizes** | 2242, 2260, 2280 |
| **Power Input** | 5V DC via SATA Power Header |
| **Operating Temp** | -40°C to +85°C (Industrial Grade) |
---
### 2. Key Electronic Components
To bridge the data and manage power, the PCB contains several critical electronic parts:
#### A. The Bridge Controller (IC)
The heart of the board is a **SATA-to-SATA Signal Passthrough** or a **Level Shifter**.
* **Function:** It ensures the differential signals from the M.2 SATA SSD are correctly routed to the 7-pin SATA data connector.
* **Note:** Because M.2 SATA and standard SATA share the same protocol, this chip is often a signal repeater/redriver to maintain data integrity over the trace length.
#### B. Power Management (LDO/Buck Regulators)
* **Voltage Step-down:** Standard SATA power provides 5V and 12V, but M.2 SSDs operate on **3.3V**.
* **Regulator:** The board includes a Low-Dropout Regulator (LDO) or a small Buck Converter to step down the 5V input to a stable 3.3V for the SSD.
#### C. Decoupling Capacitors
* **Type:** Multi-Layer Ceramic Capacitors (MLCC).
* **Purpose:** These are placed near the M.2 slot to filter high-frequency noise and provide local energy storage for sudden power draws during high-speed write operations.
#### D. Protection Circuits
* **TVS Diodes:** Often used to protect the SSD from electrostatic discharge (ESD) and voltage surges from the power supply.
* **Current Limiters:** Some industrial versions (like the "R2" revision) include over-current protection fuses.
---
### 3. Pin Configuration (M.2 B-Key)
The M.2 slot on this board uses the **B-Key** physical notch, which is the standard for SATA-based M.2 modules.
```markdown
Pin Range | Function
----------|----------
1 - 11 | Ground and 3.3V Power
12 - 19 | Not connected (reserved for PCIe)
41 - 49 | SATA Differential Pairs (TX+/TX-, RX+/RX-)
70 - 75 | 3.3V Power and Ground
```
---
### 4. Component Layout Overview
1. **M.2 Connector:** High-density 75-pin gold-plated connector.
2. **SATA Data Connector:** Standard 7-pin locking connector for the motherboard.
3. **SATA Power Connector:** 15-pin connector to interface with the PSU.
4. **LED Indicators:** Often includes a "Power" LED (Green) and an "Activity" LED (Amber/Red).
- ⤷
What is the difference between B-Key and M-Key in M.2 slots?
- ⤷ Does this adapter support NVMe (PCIe) SSDs?
- ⤷ How do I troubleshoot if the BIOS does not recognize the drive connected via this adapter?