công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M2SBS-411-R/N

  • AI
    The **M2SBS-411-R/N** belongs to a specific series of industrial signal conditioners or transducers, typically manufactured by companies like **M-System** (now MG CO., LTD). These devices are used to convert electrical signals from one form to another to ensure compatibility between sensors and control systems (PLCs/DCS). --- ## 1. Technical Specifications Table | Feature | Specification Details | | :--- | :--- | | **Model Series** | M2SBS (Ultra-slim Signal Conditioner) | | **Function** | Current Loop Supply (Distributor) | | **Input Signal** | 4 – 20 mA DC (from 2-wire transmitter) | | **Output Signal** | 4 – 20 mA DC (Isolated) | | **Power Input** | 24V DC | | **Mounting** | DIN Rail Mounting | | **Isolation** | 3-Port Isolation (Input to Output to Power) | --- ## 2. Key Electronic Components & Design The "Electronic Parts" within this module are designed for precision and industrial-grade reliability. Here is a breakdown of its internal functional architecture: ### A. Power Supply Circuit * **DC-DC Converter:** Converts the 24V DC input into isolated voltages required for the internal op-amps and to power the external loop. * **Excitation Supply:** Provides a stabilized voltage (typically around 24V-28V) to power the field-mounted 2-wire transmitter. ### B. Input Stage (The "Distributor" Circuit) * **Precision Shunt Resistor:** Measures the 4-20mA current returning from the field device. * **Current Limiter:** Protects the internal circuitry from short circuits in the field wiring. ### C. Isolation Barrier * **Optical or Magnetic Coupling:** To prevent electrical noise or ground loops from traveling between the field sensor and the control room, the signal is passed through an isolation barrier. * **High Dielectric Strength:** Typically rated for 2000V AC for 1 minute. ### D. Output Stage * **Operational Amplifiers (Op-Amps):** High-precision, low-drift amplifiers reconstruct the 4-20mA signal for the receiver. * **Calibration Potentiometers:** Often features "Zero" and "Span" adjustments to fine-tune the output accuracy. --- ## 3. Part Number Suffix Decoding | Suffix | Meaning | | :--- | :--- | | **-R** | Indicates the **Power Input** requirement (typically 24V DC). | | **-N** | Indicates specific **Options or Standards** (often refers to compliance standards or specific terminal types depending on the manufacturer's regional catalog). | --- ## 4. Typical Application Diagram ```mermaid graph LR A[2-Wire Transmitter] -- 4-20mA --> B[M2SBS-411 Input] B -- Isolation --| C[Internal Logic] C -- 4-20mA Output --> D[PLC / DCS / Controller] E[24V DC Power] --> B ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum load resistance for the output of the M2SBS-411?
    • ⤷ Does this model support HART communication signals?
    • ⤷ How do I perform a Zero/Span calibration on this specific unit?