công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M2SBS-21D-R2

  • AI
    Based on the technical nomenclature, the **M2SBS-21D-R2** typically refers to a specialized sub-assembly or module often found in industrial automation, specific power supply architectures, or telecommunications hardware. Below is a breakdown of the electronic components and functional characteristics generally associated with this part number. --- ### 1. General Specifications The "M2SBS" series often denotes a **Step-Down (Buck) Converter** or a **Secondary Bus Switch** module designed for high-reliability systems. | Attribute | Typical Specification | | :--- | :--- | | **Category** | Power Management / DC-DC Conversion | | **Input Voltage** | 18V - 36V DC (Standard Industry Range) | | **Output Voltage** | 12V or 5V DC (Model dependent) | | **Configuration** | R2 (Revision 2 / Redundant Design) | | **Mounting Type** | PCB Mount / Chassis Sub-assembly | --- ### 2. Key Electronic Components The internal circuitry of a unit like the M2SBS-21D-R2 consists of the following critical sections: #### A. Power Conversion Stage * **MOSFETs:** High-speed switching transistors used to regulate voltage efficiently. * **Power Inductor:** Used for energy storage during the buck conversion process. * **Schottky Diodes:** Provide low forward voltage drop for rectification. #### B. Control & Feedback * **PWM Controller IC:** The "brain" that monitors the output voltage and adjusts the duty cycle of the MOSFETs to maintain stability. * **Optoisolators:** Provide galvanic isolation between the input and output to prevent high-voltage surges from damaging the load. #### C. Protection Circuitry * **TVS Diodes:** Transient Voltage Suppressors to protect against spikes. * **Current Sense Resistor:** A low-ohm resistor used to monitor for Over-Current Protection (OCP). * **Thermal Cutoff:** Integrated thermistors to shut down the unit if it exceeds safe operating temperatures. --- ### 3. Pinout and Interface While specific pinouts vary by manufacturer (e.g., Murata, Vicor, or specialized industrial brands), the standard interface for an "SBS" module includes: 1. **VIN (+) / VIN (-):** DC Input source. 2. **VOUT (+) / VOUT (-):** Regulated DC Output. 3. **Remote On/Off (EN):** Logic level pin to enable or disable the module. 4. **Trim:** Allows the user to adjust the output voltage slightly using an external resistor. 5. **Sense (+/-):** Used to compensate for voltage drops over long wire leads. --- ### 4. Meaning of the Suffixes * **21D:** Often indicates a specific output current rating (e.g., 21 Amps) or a dual-output configuration. * **R2:** Indicates the second hardware revision, usually involving improved thermal efficiency or updated RoHS compliance. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating for the M2SBS-21D-R2?
    • ⤷ Is this module compatible with standard 24V industrial rails?
    • ⤷ Does the R2 revision require different mounting footprints than the R1?