M2SBS-212-R2
AI

The **M2SBS-212-R2** is a specialized electronic hardware component, typically categorized as a **Standoff** or **Spacer** used in high-precision mechanical and electronic assemblies. It is designed to provide structural support and electrical isolation (or grounding path) between a Printed Circuit Board (PCB) and a chassis or another board.
### 1. Component Identification
The part number follows a standard nomenclature for hardware fasteners:
* **M2**: Indicates a Metric M2 thread size.
* **SBS**: Often denotes the material or series (commonly Stainless Steel or Brass).
* **212**: Represents the length or specific dimensional configuration (e.g., 12mm).
* **R2**: Revision code or specific plating/packaging variation.
---
### 2. Technical Specifications
Below is a breakdown of the typical electronic and mechanical characteristics for this part:
| Feature | Specification |
| :--- | :--- |
| **Thread Size** | M2 x 0.4mm |
| **Material** | Usually Brass or Stainless Steel (Zinc/Nickel plated) |
| **Type** | Male-Female or Female-Female Standoff |
| **Body Shape** | Hexagonal (for wrench tightening) |
| **Application** | PCB Mounting, Sensor spacing, DIY Electronics |
| **Compliance** | RoHS Compliant |
---
### 3. Electronic Functions
While often viewed as purely mechanical, these parts serve critical electronic roles:
* **Grounding Path:** If made of conductive metal (like brass), it creates a common ground between the PCB ground plane and the metal enclosure.
* **ESD Protection:** Helps dissipate Electrostatic Discharge from the casing to the circuit's ground.
* **Airflow/Thermal Management:** By providing a specific clearance (usually indicated by the '212' code), it ensures proper airflow under components to prevent overheating.
* **Signal Integrity:** Prevents the PCB from flexing, which could lead to cracked solder joints or microphonic interference in sensitive traces.
---
### 4. Integration Example
When used in a stack, the assembly typically looks like this:
```markdown
[ Chassis / Case ]
|
[ M2SBS-212-R2 Standoff ] <--- Provides 12mm clearance
|
[ PCB / Motherboard ]
|
[ M2 Screw ]
```
---
- ⤷
What is the exact height measurement for the 212 designation in this series?
- ⤷ Are there non-conductive (Nylon) versions of the M2SBS series?
- ⤷ What is the recommended torque for M2 metal standoffs in PCB applications?