M2RTS-S-CG-R2
AI

The **M2RTS-S-CG-R2** is a specialized industrial sensor, typically identifying as a **Photoelectric Sensor** or a related component within an automation system (often associated with the M2RTS series).
Below is a breakdown of its electronic components, technical specifications, and internal logic.
---
### 1. Key Technical Specifications
The model alphanumeric code usually denotes specific electrical characteristics:
| Parameter | Typical Specification | Notes |
| :--- | :--- | :--- |
| **Operating Voltage** | 12 - 24V DC | Standard industrial logic level |
| **Output Type** | NPN or PNP (Open Collector) | Depends on the "S" or "CG" sub-coding |
| **Sensing Mode** | Retro-reflective / Through-beam | Indicated by the "R" suffix |
| **Connection Type** | Cable or M12 Connector | "CG" often refers to a cable gland or connector |
| **Response Time** | < 1ms | High-speed switching capability |
---
### 2. Internal Electronic Parts
The device consists of four primary electronic stages:
#### A. The Emitter (Light Source)
* **LED / Laser Diode:** Usually an Infrared (IR) or Visible Red LED. It generates the light beam used for detection.
* **Oscillator Circuit:** Pulsates the light at a specific frequency to ensure the receiver ignores ambient light (sunlight or room lamps).
#### B. The Receiver (Photodetector)
* **Photodiode/Phototransistor:** Converts incoming light back into a tiny electrical current.
* **Band-pass Filter:** An electronic filter that only allows the specific frequency of the Emitter to pass through, reducing noise.
#### C. Signal Processing (The "Brain")
* **Comparator/Schmitt Trigger:** Compares the received signal strength against a preset threshold. If the beam is broken, it triggers a state change.
* **Potentiometer:** A small adjustable resistor used to calibrate the sensitivity of the sensor.
#### D. Output Stage
* **Transistor Switch:** Usually a Power MOSFET or Bipolar Junction Transistor (BJT) that switches the load (PLC input or Relay).
* **Protection Diodes:** Includes reverse polarity protection and surge suppression to prevent damage from inductive kicks.
---
### 3. Wiring Diagram Logic
Most sensors in this series follow a standard color-coding scheme:
1. **Brown (BN):** Positive (+) 12-24V DC.
2. **Blue (BU):** Negative (-) 0V / Ground.
3. **Black (BK):** Control Output (The signal wire).
4. **White (WH):** Sometimes used for Light-ON / Dark-ON selection.
---
### 4. Meaning of the Part Number Suffixes
* **S:** Typically denotes a "Standard" or "Compact" housing style.
* **CG:** Often indicates a specific **Connector/Gland** configuration for environmental sealing.
* **R2:** Usually refers to the **Sensing Distance** (e.g., 2 meters) or a second revision of the internal circuitry.
- ⤷
What is the specific NPN/PNP output configuration for this model?
- ⤷ Can you provide a wiring diagram for connecting this to a PLC?
- ⤷ How do I adjust the sensitivity potentiometer on this unit?