M2RTS-S-C1-R2
AI

The **M2RTS-S-C1-R2** is a specific model of a **Resistance Thermometer (RTD) Transmitter** belonging to the M2 Series, manufactured by **M-System**. This device is designed to convert signals from an RTD sensor into a standard industrial DC signal.
---
## 1. Technical Specifications
The alphanumeric code identifies the specific configuration of the electronic components inside the unit:
| Part Segment | Specification | Description |
| :--- | :--- | :--- |
| **M2RTS** | Model Series | RTD Transmitter (Plug-in type) |
| **-S** | Input Type | Pt 100 (ITS-90) |
| **-C1** | Output Signal | 4 – 20 mA DC |
| **-R2** | Power Input | 100 – 240V AC |
---
## 2. Key Electronic Components & Features
### A. Signal Conditioning Circuitry
The device contains high-precision operational amplifiers and an A/D converter. It takes the low-level resistance change from a Pt100 sensor and linearizes it.
* **Linearization:** It compensates for the non-linear relationship between temperature and resistance in platinum sensors.
* **Burnout Protection:** The circuit includes a burnout feature that forces the output to a specific level (usually upscale) if the sensor wire breaks.
### B. Isolation Barrier
This model features **three-way isolation**. This means the electronic paths for **Input**, **Output**, and **Power** are electrically separated.
* **Benefit:** Prevents ground loops and protects the control system from high-voltage surges on the field side.
* **Isolation Resistance:** Typically 100 MΩ or more with 500V DC.
### C. Power Supply Module
The `-R2` suffix indicates a universal AC switching power supply.
* **Input Range:** 85 – 264V AC.
* **Frequency:** 47 – 66 Hz.
* **Internal Protection:** Includes internal fuses and surge absorbers to handle line noise.
### D. Adjustments (Potentiometers)
On the front panel, the device features two multi-turn trimmers:
* **Zero Adjustment:** Sets the 4mA point.
* **Span Adjustment:** Sets the 20mA point.
---
## 3. Connection Diagram (General)
```text
Input (RTD) Transmitter Output (PLC/DCS)
+-------+ +-----------+ +-----------+
| A |-----------| (1) (4) |----------| + (4-20mA)|
| B |-----------| (2) (5) |----------| - |
| B |-----------| (3) | +-----------+
+-------+ | (7) (8) |<--------- Power (AC)
+-----------+
```
---
## 4. Operational Environment
The electronics are housed in a flame-resistant black resin (ABS) casing.
* **Mounting:** Designed for a 11-pin circular socket (plug-in base).
* **Operating Temp:** -5 to +55°C (23 to 131°F).
- ⤷
What is the maximum resistance load for the 4-20mA output on this model?
- ⤷ How do I calibrate the zero and span settings for a specific temperature range?
- ⤷ Does this model support 2-wire or 4-wire RTD configurations?