công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M2RTS-S-BE-R2/

  • AI
    The **M2RTS-S-BE-R2** is a specific electronic signal transducer model, typically manufactured by **M-System**. This device is a head-mounted temperature transmitter designed to convert a signal from a Resistance Temperature Detector (RTD) into a standard DC output (usually 4–20mA). Below is a breakdown of its technical specifications and electronic components. --- ### 1. Technical Specifications The model code follows a specific nomenclature that defines its electronic capabilities: | Feature | Specification | Description | | :--- | :--- | :--- | | **Input Type** | RTD | Supports Pt100, Pt500, Pt1000, Ni100, etc. | | **Output** | 4 – 20 mA DC | Standard 2-wire loop-powered output. | | **Power Supply** | 12 – 45 V DC | Range for the loop-powered circuit. | | **Accuracy** | ±0.1% | High precision measurement for industrial use. | | **Enclosure** | Head-mount | Designed to fit inside a DIN Form B connection head. | | **Programming** | PC Programmable | Configured via specialized software (M-System Configurator). | --- ### 2. Key Electronic Functions The internal circuitry of the M2RTS-S-BE-R2 performs several critical electronic tasks: #### A. Signal Conditioning The input stage filters electrical noise and stabilizes the weak resistance changes coming from the RTD sensor. It utilizes a constant current source to measure the resistance of the RTD without heating the element itself (anti-self-heating). #### B. Linearization Since RTD resistance does not change perfectly linearly with temperature, the internal microprocessor applies a linearization algorithm to ensure the 4-20mA output corresponds accurately to the actual temperature scale. #### C. Isolation and Protection * **Burnout Protection:** The electronic logic can be set to "Upscale" or "Downscale." If the sensor wire breaks, the output will jump to a specific value (e.g., 20.8mA) to alert the control system. * **Reverse Polarity Protection:** Prevents damage if the DC power leads are connected incorrectly. #### D. Analog-to-Digital Conversion (ADC) The unit uses a high-resolution ADC to convert the analog resistance into a digital value for processing, followed by a DAC (Digital-to-Analog Converter) to generate the final current loop output. --- ### 3. Wiring Diagram (Conceptual) ```mermaid graph LR A[RTD Sensor] -- 3-Wire Connection --> B(M2RTS-S-BE-R2) B -- 4-20mA Loop --> C[PLC / Controller] D[DC Power Supply] -- 24V --> C ``` --- ### 4. Application Environments This part is commonly used in: * **Chemical Plants:** For monitoring reactor temperatures. * **HVAC Systems:** High-precision air/water temperature sensing. * **Power Generation:** Monitoring bearing temperatures in turbines.
    ✨ Follow-up Questions
    • ⤷ How do you configure the temperature range for this transmitter?
    • ⤷ What is the difference between the R2 and previous revisions of this model?
    • ⤷ What are the specific wiring requirements for a 3-wire RTD connection on this device?