M2RTS-S-BE-R2
AI

The **M2RTS-S-BE-R2** is a specific electronic component belonging to the **M2 Series** of signal conditioners manufactured by **M-System**. It is a **Thermocouple Transmitter** designed to convert millivolt signals from thermocouples into a standard 4–20mA DC output.
---
### 1. Model Breakdown (Nomenclature)
Understanding the alphanumeric code helps identify the specific features of this unit:
| Code Segment | Description | Specific Detail |
| :--- | :--- | :--- |
| **M2RTS** | Model Name | Thermocouple Transmitter (Plug-in) |
| **-S** | Input Type | Thermocouple (Selectable) |
| **-BE** | Output Type | 4 – 20 mA DC (Current output) |
| **-R2** | Power Input | 11 – 27 V DC (Operational range) |
---
### 2. Key Electronic Specifications
The internal electronics are engineered for precision and industrial reliability.
* **Input Impedance:** High impedance (min. 1 MΩ) to prevent loading effects on the thermocouple wire.
* **Response Time:** Typically $\leq 0.5$ seconds (0 – 90%).
* **Accuracy:** $\pm 0.1\%$ of span (depending on the thermocouple type and temperature range).
* **Burnout Protection:** Upscale burnout is standard (the output goes to >20mA if the thermocouple wire breaks).
* **Isolation:** 3-way isolation (Input to Output to Power). This prevents ground loops and protects sensitive PLC/DCS inputs from high-voltage surges.
---
### 3. Connection Diagram (General)
The unit uses a base socket (typically 11-pin or 8-pin depending on the specific series version) for easy "plug-and-play" maintenance.
```text
Terminal | Function
--------------------------
1 | Output (+)
2 | Output (-)
4 | Input (+) Thermocouple
5 | Input (-) Thermocouple
7 | Power (+) 24V DC
8 | Power (-) 0V DC
```
---
### 4. Application Use Case
This part is commonly used in industrial automation to:
1. **Standardize Signals:** Convert non-linear millivolt signals from a temperature probe into a linear 4-20mA signal that can travel long distances without interference.
2. **Galvanic Isolation:** Protect the control system from electrical noise generated by heaters or industrial motors.
3. **Cold Junction Compensation (CJC):** The electronics include a built-in sensor to compensate for the temperature at the terminal block, ensuring measurement accuracy.
---
- ⤷What are the specific thermocouple types supported by the M2RTS-S series?
- ⤷ How do I calibrate the zero and span settings on this transmitter?
- ⤷ Does this model support HART communication protocol?