M2RTS-S-AE-R2/Q
AI

The **M2RTS-S-AE-R2/Q** is a high-performance, programmable signal conditioner (transducer) manufactured by **M-System**. It is specifically designed to accept a DC input and provide two isolated DC outputs.
---
## 1. Technical Specifications
The following table outlines the primary electronic characteristics of this specific model:
| Parameter | Specification |
| :--- | :--- |
| **Input Signal** | 4 – 20 mA DC |
| **Output 1** | 4 – 20 mA DC |
| **Output 2** | 1 – 5 V DC |
| **Power Supply** | 24V DC |
| **Accuracy** | ±0.1% of span |
| **Response Time** | ≤ 0.5 seconds (0 – 90%) |
| **Isolation** | 3-way (Input to Output to Power) |
| **Mounting** | DIN Rail |
---
## 2. Model Code Breakdown
Understanding the suffix codes helps identify the exact electronic configuration:
* **M2RTS**: The series identifier (Ultra-slim Signal Conditioner).
* **S**: Indicates a Current Input (e.g., 4-20mA).
* **AE**: Represents the Output combinations.
* **A**: 4 – 20 mA DC.
* **E**: 1 – 5 V DC.
* **R2**: Power input requirement (24V DC).
* **Q**: Optional suffix, typically indicating a specific quality standard, custom labeling, or a non-standard coating for harsh environments.
---
## 3. Electronic Architecture
The device functions as an active isolator and signal splitter. Internally, the circuit consists of:
### Signal Conditioning Layer
The input stage converts the 4-20mA current into a digital value via an A/D converter or a precise analog shunt. This ensures the input impedance remains low (typically 250Ω) to avoid loading the source loop.
### Isolation Barrier
It utilizes **Galvanic Isolation** (often optical or magnetic) between the input, output, and power supply. This protects sensitive PLC/DCS cards from ground loops and high-voltage surges up to 2000V AC.
### Dual Output Stage
The signal is split into two independent drivers:
1. **Current Loop Driver:** Capable of driving loads up to 750Ω.
2. **Voltage Source:** Provides a low-impedance 1-5V signal for monitoring devices.
---
## 4. Connection Diagram (Standard Logic)
```text
[ Terminal ] [ Function ]
1 (+) <-- Input (4-20mA)
2 (-) <-- Input Common
3 (+) --> Output 1 (4-20mA)
4 (-) --> Output 1 Common
5 (+) --> Output 2 (1-5V)
6 (-) --> Output 2 Common
7 (+) <-- 24V DC Power
8 (-) <-- 0V DC Power
```
---
- ⤷
What is the maximum allowable load resistance for Output 1?
- ⤷ Does the 'Q' suffix imply a specific hazardous area certification?
- ⤷ Can the output signals be re-calibrated using a PC or hand-held programmer?