AI

The **M2RTS-S-AE-R2** is a specific model of an **RTD Transmitter** (Resistance Temperature Detector) produced by **M-System**. It is designed to convert temperature signals from an RTD sensor into a standard analog process signal (like 4-20mA or 0-10V).
Below is a breakdown of its electronic characteristics and specifications.
---
### 1. Technical Specifications
This device is a plug-in type signal conditioner. The model code breaks down as follows:
| Feature | Specification |
| :--- | :--- |
| **Input Type** | Pt 100 (ITS-90) RTD |
| **Output Type** | Selectable (e.g., 4–20 mA DC, 0–10V DC) |
| **Power Input** | 100 – 240V AC (Standard "AE" code) |
| **Construction** | Plug-in base socket mount |
| **Isolation** | 3-way (Input to Output to Power) |
| **Accuracy** | ±0.1% of span |
---
### 2. Key Electronic Components & Functions
The internal circuitry of the M2RTS-S-AE-R2 consists of several critical stages:
#### A. Input Conditioning Stage
* **Constant Current Source:** To measure the resistance of an RTD (like Pt100), the device sends a small, stable constant current through the sensor.
* **Lead-wire Compensation:** Since the resistance of the wires connecting the sensor can affect the reading, the electronic circuit uses a 3-wire system to calculate and cancel out lead-wire resistance.
* **Burnout Protection:** Includes a circuit that detects if the sensor wire is broken. It can be configured to drive the output "Upscale" or "Downscale" upon failure.
#### B. Signal Processing (Linearization)
* **Non-linear to Linear Conversion:** RTD resistance does not change perfectly linearly with temperature. The electronic logic inside the transmitter linearizes the signal so that the output (e.g., 4mA at 0°C and 20mA at 100°C) is proportional to the temperature.
#### C. Isolation and Output Stage
* **Optical/Magnetic Isolation:** To prevent ground loops and protect sensitive PLC/DCS equipment, the device uses galvanic isolation between the field input, the power supply, and the output signal.
* **Operational Amplifiers (Op-Amps):** High-precision amplifiers scale the processed signal to the desired industrial output level.
---
### 3. Connection Diagram (General)
The electronics are accessed via a 10-pin or 11-pin socket.
```text
Terminal | Function
---------|---------------------------
1 & 2 | Output Signal (+ / -)
4 & 5 | Power Supply (L / N)
6 | Ground (GND)
7, 8, 9 | RTD Input (A, B, B')
```
---
### 4. Environmental & Physical Features
* **Status Indicator:** Usually features a front-facing LED to indicate power status.
* **Adjustments:** Contains "Zero" and "Span" potentiometers (trimmers) on the front panel for fine-tuning the calibration in the field.
* **Housing:** High-impact plastic casing designed for DIN rail or surface mounting via a base socket.
- ⤷
How do you calibrate the Zero and Span on this specific model?
- ⤷ What is the difference between the 'AE' and 'R' power options in this series?
- ⤷ How does the burnout protection circuit function if a wire breaks?