M2RTS-S-A1-R2
AI

Based on the model number provided, the **M2RTS-S-A1-R2** belongs to the **M2RTS series** of ultra-slim, signal conditioners (specifically temperature transmitters) manufactured by **M-System**.
Below is a breakdown of its electronic specifications and technical components.
---
## 1. Part Number Breakdown
The alphanumeric code describes the specific configuration of the device:
| Segment | Code | Description |
| :--- | :--- | :--- |
| **Series** | M2RTS | RTD Transmitter (Ultra-slim design) |
| **Mounting** | S | Surface / DIN Rail Mounting |
| **Input** | A1 | Pt 100 (JIS '97, IEC 751) |
| **Output** | R2 | 4 – 20 mA DC (Current output) |
---
## 2. Key Technical Specifications
The M2RTS-S-A1-R2 acts as a bridge between a temperature sensor (RTD) and a PLC or controller, converting a resistance signal into a linear 4-20mA current signal.
### Input Characteristics
* **Sensor Type:** Pt 100 (3-wire system).
* **Excitation Current:** Typically 0.2 mA to 1.0 mA to prevent self-heating of the sensor.
* **Allowable Leadwire Resistance:** Usually up to 20 $\Omega$ per wire.
### Output Characteristics
* **Output Signal:** 4 – 20 mA DC.
* **Load Resistance:** Up to 550 $\Omega$.
* **Linearization:** The device includes internal circuitry to linearize the non-linear resistance curve of the Platinum sensor.
### Power & Isolation
* **Power Input:** Usually loop-powered or 24V DC (Check specific wiring label for the R2 variant).
* **Isolation:** 3-way isolation (Input to Output to Power). This prevents ground loops and protects sensitive PLC inputs from high-voltage surges.
---
## 3. Physical & Electronic Build
The unit is designed for high-density installation in control panels.
* **Housing:** Flame-resistant resin (Black).
* **Adjustments:** Front-facing **Zero** and **Span** adjustments (multi-turn potentiometers) for fine-tuning the output signal.
* **Status Indicator:** Typically features a Power LED to indicate operational status.
* **Connection:** M3 screw terminals (torque 0.8 N·m).
---
## 4. Performance Summary
| Feature | Specification |
| :--- | :--- |
| **Accuracy** | ±0.1% of span |
| **Temp. Coefficient** | ±0.015% / °C |
| **Response Time** | ≤ 0.5 seconds (0 – 90%) |
| **Insulation Resistance** | 100 M$\Omega$ at 500V DC |
| **Dielectric Strength** | 2000V AC @ 1 minute |
- ⤷
What is the wiring diagram for the Pt 100 3-wire input?
- ⤷ How do I calibrate the Zero and Span for this specific model?
- ⤷ Is this transmitter compatible with 2-wire RTD sensors?