công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M2RTS-S-4G-R2/N

  • AI
    The **M2RTS-S-4G-R2/N** is a specialized industrial-grade RTU (Remote Terminal Unit) or gateway designed for remote monitoring, data acquisition, and IoT telemetry. It is commonly used in environmental monitoring, smart agriculture, and industrial automation. Below is a breakdown of its electronic architecture and core components. --- ## 1. Core Technical Specifications The device is built around cellular connectivity and multiple I/O (Input/Output) interfaces to bridge physical sensors with cloud platforms. | Component | Description | | :--- | :--- | | **Communication** | 4G LTE (with 3G/2G fallback) | | **Processor** | ARM-based high-speed industrial microcontroller | | **Input Voltage** | 9V to 36V DC (Industrial wide-range) | | **Protocols** | Modbus RTU, Modbus TCP, MQTT, HTTP | | **Antenna** | SMA interface for high-gain 4G antenna | | **Mounting** | DIN-rail or wall mount | --- ## 2. Key Electronic Hardware Parts ### A. Communication Module (4G/LTE) The "4G" in the model name indicates an integrated cellular modem. - **Function:** Handles data transmission over mobile networks. - **Hardware:** Includes a SIM card slot (Standard or Nano depending on the revision) and internal circuitry for signal filtering and ESD protection. ### B. Input/Output (I/O) Interfaces This unit acts as a data concentrator for various sensors: 1. **Digital Inputs (DI):** Optocoupler isolated inputs. Used for detecting switch states, alarms, or pulse counting (e.g., water meters). 2. **Analog Inputs (AI):** Usually supports 4-20mA or 0-5V/0-10V signals. These use High-Precision ADC (Analog-to-Digital Converters) to read data from pressure or temperature sensors. 3. **Relay Outputs (DO):** Dry contact relays used to trigger external equipment like pumps, valves, or sirens. 4. **Serial Port (RS485):** Equipped with TVS (Transient Voltage Suppressor) protection for Modbus communication with PLCs or external meters. ### C. Power Management Circuit - **Protection:** Includes reverse polarity protection, over-current protection, and surge protection. - **Internal Regulation:** Step-down (Buck) converters to provide stable 3.3V or 5V to the internal logic from a wide 24V industrial supply. ### D. Memory and Storage - **Flash Memory:** Stores configuration settings, logic scripts, and local data logs in case of network disconnection. - **RAM:** Used for real-time data processing and protocol stack management. --- ## 3. Physical Layout and Indicators The exterior typically features LED indicators that provide hardware status at a glance: * **PWR:** Power status. * **RUN:** System heartbeat/CPU status. * **NET:** Cellular network connectivity (blinking patterns indicate signal strength or registration). * **DATA:** Activity on the RS485 or I/O ports. --- ## 4. Usage Environment The electronics are "Industrial Grade," meaning they are designed to withstand: * **Temperature:** -40°C to +85°C. * **Humidity:** 5% to 95% RH (Non-condensing). * **Enclosure:** Metal or high-grade flame-retardant plastic providing EMI shielding.
    ✨ Follow-up Questions
    • ⤷ How do I configure the Modbus RTU settings on this device?
    • ⤷ Does this model support internal battery backup for power failure alerts?
    • ⤷ What cloud platforms are natively compatible with its MQTT protocol?