công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M2RTS-S-4G-R2

  • AI
    The **M2RTS-S-4G-R2** is a specialized industrial-grade cellular gateway/router module, typically utilized in M2M (Machine-to-Machine) and IoT applications. It is designed to provide robust 4G LTE connectivity for remote monitoring, data acquisition, and control systems. --- ### Core Specifications Below is a breakdown of the primary electronic and technical characteristics: | Component / Feature | Specification Details | | :--- | :--- | | **Cellular Connectivity** | 4G LTE (Multi-band support), backward compatible with 3G/2G | | **Communication Interface** | RS232, RS485 (Serial-to-Cellular data transfer) | | **I/O Support** | Digital Inputs (DI) and Digital Outputs (DO) for sensor interfacing | | **Power Supply** | Wide range DC input (typically 9V to 36V DC) | | **Mounting Type** | DIN-rail or Wall mount for industrial cabinets | | **Operating Temperature** | -40°C to +85°C (Industrial Grade) | --- ### Key Electronic Components & Modules #### 1. Cellular Engine The heart of the device is an integrated **LTE Modem**. This component handles the signal processing, SIM card interfacing, and data packet routing between the local serial ports and the cellular network. #### 2. Serial Communication Chips (UART/RS) The "RTS" in the model name often refers to Real-Time Serial capabilities. It utilizes specialized transceivers (like the MAX3232 or similar) to convert high-voltage serial signals (RS232/485) into TTL levels that the internal microcontroller can process. #### 3. Power Management Unit (PMU) Because industrial environments are prone to power surges, the device includes: * **Voltage Regulators:** To step down input voltage to 3.3V or 5V. * **Isolation Circuits:** To prevent electromagnetic interference (EMI) from damaging the core processor. #### 4. Microcontroller (MCU) / CPU A low-power ARM-based processor usually manages the firmware, handling the **TCP/IP stack**, Modbus conversions, and encryption (VPN/TLS) for secure data transmission. --- ### Functional Applications * **Remote Metering:** Reading electricity or water meters via RS485 and sending data to a cloud server. * **PLC Remote Access:** Allowing engineers to debug Programmable Logic Controllers over a 4G connection. * **Alarm Systems:** Sending SMS or data alerts when a Digital Input (DI) is triggered (e.g., a door opening or a sensor failure). ---
    ✨ Follow-up Questions
    • ⤷ Does the M2RTS-S-4G-R2 support specific VPN protocols for secure data transmission?
    • ⤷ What are the specific wiring pinouts for the RS485 interface on this model?
    • ⤷ How do I configure the APN settings for a specific carrier on this device?